Electronic Components Datasheet Search
  English  ▼

X  

R8C2H Datasheet(PDF) 83 Page - Renesas Technology Corp

Part # R8C2H
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  367 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2H Datasheet(HTML) 83 Page - Renesas Technology Corp

Back Button R8C2H Datasheet HTML 79Page - Renesas Technology Corp R8C2H Datasheet HTML 80Page - Renesas Technology Corp R8C2H Datasheet HTML 81Page - Renesas Technology Corp R8C2H Datasheet HTML 82Page - Renesas Technology Corp R8C2H Datasheet HTML 83Page - Renesas Technology Corp R8C2H Datasheet HTML 84Page - Renesas Technology Corp R8C2H Datasheet HTML 85Page - Renesas Technology Corp R8C2H Datasheet HTML 86Page - Renesas Technology Corp R8C2H Datasheet HTML 87Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 367 page
background image
R8C/2H Group, R8C/2J Group
7. Comparator
Rev.1.00
Mar 28, 2008
Page 63 of 341
REJ09B0388-0100
7.4
Functional Description
Comparator 1 and comparator 2 operate independently.
The comparison result of the reference input voltage and analog input voltage can be read by software. The result
can also be output from the VCOUTi (i = 1 or 2) pin. An internal reference voltage or input voltage to the CVREF
pin can be selected as the reference input voltage. The comparator 1 interrupt or the comparator 2 interrupt also can
be used by selecting non-maskable or maskable for each interrupt.
7.4.1
Comparator 1
Table 7.3 lists the Procedure for Setting Bits Associated with Comparator 1 Interrupt, Figure 7.12 shows an
Operating Example of Comparator 1 (When Digital Filter Enabled), and Figure 7.13 shows an Operating
Example of Comparator 1 (When Digital Filter Disabled).
NOTE:
1. When the VW1C0 bit is set to 0, steps 6 and 7 can be executed at the same time (with one
instruction)
Table 7.3
Procedure for Setting Bits Associated with Comparator 1 Interrupt
Step
When Using Digital Filter
When Not Using Digital Filter
1
Set the COMPSEL bit in the PINSR4 register to 1 (comparator 1, comparator 2)
2
Set the VCAB5 bit in the VCAB register to 1 (VCMP1 pin input voltage)
3
Set the VCA26 bit in the VCA2 register to 1 (comparator 1 circuit enabled)
4
Wait for td(E-A)
5
Select the interrupt type by the IRQ1SEL bit in the ALCMR register
6
Select the sampling clock by bits VW1F0
and VW1F1 in the VW1C register
Set the VW1C1 bit in the VW1C register to 1 (digital
filter disabled)
7(1)
Set the VW1C1 bit in the VW1C register
to 0 (digital filter enabled)
−
8
Select the interrupt request timing by the VCAC1 bit in the VCAC register and the VW1C7 bit in
the VW1C register
9
Set the VW1C2 bit in the VW1C register to 0
10
Set the CM14 bit in the CM1 register to 0
(low-speed on-chip oscillator on)
−
11
Wait for 2 cycles of the sampling clock of
the digital filter.
− (No wait time required)
12
Set the VW1C0 bit in the VW1C register to 1 (comparator 1 interrupt enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com