Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 341 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 341 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 337Page - Renesas Technology Corp SH7672 Datasheet HTML 338Page - Renesas Technology Corp SH7672 Datasheet HTML 339Page - Renesas Technology Corp SH7672 Datasheet HTML 340Page - Renesas Technology Corp SH7672 Datasheet HTML 341Page - Renesas Technology Corp SH7672 Datasheet HTML 342Page - Renesas Technology Corp SH7672 Datasheet HTML 343Page - Renesas Technology Corp SH7672 Datasheet HTML 344Page - Renesas Technology Corp SH7672 Datasheet HTML 345Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 341 / 1292 page
background image
Section 8 Direct Memory Access Controller (DMAC)
Rev. 1.00 Nov. 14, 2007 Page 315 of 1262
REJ09B0437-0100
8.3.8
DMA Operation Register (DMAOR)
The DMA operation register (DMAOR) is a 16-bit readable/writable register that specifies the
priority level of channels at the DMA transfer. This register also shows the DMA transfer status.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0000000000000000
R
R
R/W
R/W
R
R
R/W
R/W
R
R
R
R
R
R/(W)* R/(W)* R/W
Note:
Only 0 can be written to clear the flag after 1 is read.
*
Bit:
Initial value:
R/W:

CMS[1:0]

PR[1:0]

AE
NMIF
DME
Bit
Bit Name
Initial
Value
R/W
Description
15, 14
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
13, 12
CMS[1:0]
00
R/W
Cycle Steal Mode Select
These bits select either normal mode or intermittent
mode in cycle steal mode.
It is necessary that the bus modes of all channels be
set to cycle steal mode to make the intermittent mode
valid.
00: Normal mode
01: Setting prohibited
10: Intermittent mode 16
Executes one DMA transfer for every 16 cycles of
B
φ clock.
11: Intermittent mode 64
Executes one DMA transfer for every 64 cycles of
B
φ clock.
11, 10
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com