Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 337 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 337 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 333Page - Renesas Technology Corp SH7672 Datasheet HTML 334Page - Renesas Technology Corp SH7672 Datasheet HTML 335Page - Renesas Technology Corp SH7672 Datasheet HTML 336Page - Renesas Technology Corp SH7672 Datasheet HTML 337Page - Renesas Technology Corp SH7672 Datasheet HTML 338Page - Renesas Technology Corp SH7672 Datasheet HTML 339Page - Renesas Technology Corp SH7672 Datasheet HTML 340Page - Renesas Technology Corp SH7672 Datasheet HTML 341Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 337 / 1292 page
background image
Section 8 Direct Memory Access Controller (DMAC)
Rev. 1.00 Nov. 14, 2007 Page 311 of 1262
REJ09B0437-0100
Bit
Bit Name
Initial
Value
R/W
Descriptions
0
DE
0
R/W
DMA Enable
Enables or disables the DMA transfer. In auto request
mode, DMA transfer starts by setting the DE bit and
DME bit in DMAOR to 1. In this case, all of the bits
TE, NMIF in DMAOR, and AE must be 0. In an
external request or peripheral module request, DMA
transfer starts if DMA transfer request is generated by
the devices or peripheral modules after setting the bits
DE and DME to 1. If the TEMASK bit is 1, the NMIF
and AE bits must be 0 upon detection of the low or
high level of an external request and at a request of
the peripheral module. If the TEMASK bit is 0, the TE
bit must also be 0. As with auto request mode, all of
the TE, NMIF, and AE bits must be 0 upon detection
of the rising or falling edge of an external request.
Clearing the DE bit to 0 can terminate the DMA
transfer.
0: DMA transfer disabled
1: DMA transfer enabled
Note:
*
Only 0 can be written to clear the flag after 1 is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com