Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 336 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 336 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 332Page - Renesas Technology Corp SH7672 Datasheet HTML 333Page - Renesas Technology Corp SH7672 Datasheet HTML 334Page - Renesas Technology Corp SH7672 Datasheet HTML 335Page - Renesas Technology Corp SH7672 Datasheet HTML 336Page - Renesas Technology Corp SH7672 Datasheet HTML 337Page - Renesas Technology Corp SH7672 Datasheet HTML 338Page - Renesas Technology Corp SH7672 Datasheet HTML 339Page - Renesas Technology Corp SH7672 Datasheet HTML 340Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 336 / 1292 page
background image
Section 8 Direct Memory Access Controller (DMAC)
Rev. 1.00 Nov. 14, 2007 Page 310 of 1262
REJ09B0437-0100
Bit
Bit Name
Initial
Value
R/W
Descriptions
2
IE
0
R/W
Interrupt Enable
Specifies whether or not an interrupt request is
generated to the CPU at the end of the DMA transfer.
Setting this bit to 1 generates an interrupt request
(DEI) to the CPU when TE bit is set to 1.
0: Disables an interrupt request.
1: Enables an interrupt request.
1
TE
0
R/(W)* Transfer End Flag
This bit is set to 1 when DMATCR becomes 0 and
DMA transfer ends.
The TE bit is not set to 1 in the following cases.
• DMA transfer ends due to an NMI interrupt or DMA
address error before DMATCR becomes 0.
• DMA transfer is ended by clearing the DE bit and
DME bit in DMA operation register (DMAOR).
To clear the TE bit, write 0 after reading TE = 1.
If the TEMASK bit is 0 and the TE bit is set, transfer is
not enabled even if the DE bit is set to 1.
0: During the DMA transfer or DMA transfer has been
terminated
[Clearing condition]
• Writing 0 after reading TE = 1
1: DMA transfer ends by the specified count
(DMATCR = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com