Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 332 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 332 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 328Page - Renesas Technology Corp SH7672 Datasheet HTML 329Page - Renesas Technology Corp SH7672 Datasheet HTML 330Page - Renesas Technology Corp SH7672 Datasheet HTML 331Page - Renesas Technology Corp SH7672 Datasheet HTML 332Page - Renesas Technology Corp SH7672 Datasheet HTML 333Page - Renesas Technology Corp SH7672 Datasheet HTML 334Page - Renesas Technology Corp SH7672 Datasheet HTML 335Page - Renesas Technology Corp SH7672 Datasheet HTML 336Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 332 / 1292 page
background image
Section 8 Direct Memory Access Controller (DMAC)
Rev. 1.00 Nov. 14, 2007 Page 306 of 1262
REJ09B0437-0100
Bit
Bit Name
Initial
Value
R/W
Descriptions
18
HIE
0
R/W
Half-End Interrupt Enable
Specifies whether to issue an interrupt request to the
CPU when the transfer count reaches half of the
DMATCR value that was specified before transfer
starts.
When the HIE bit is set to 1, the DMAC requests an
interrupt to the CPU when the HE bit becomes 1.
0: Disables an interrupt to be issued when DMATCR
= (DMATCR set before transfer starts)/2.
1: Enables an interrupt to be issued when DMATCR
= (DMATCR set before transfer starts)/2.
17
AM
0
R/W
Acknowledge Mode
Specifies whether DACK is output in data read cycle or
in data write cycle in dual address mode.
In single address mode, DACK is always output
regardless of the specification by this bit.
This bit is valid only in CHCR_0 and CHCR_1. This bit
is reserved in CHCR_2 to CHCR_7; it is always read
as 0 and the write value should always be 0.
0: DACK output in read cycle (dual address mode)
1: DACK output in write cycle (dual address mode)
16
AL
0
R/W
Acknowledge Level
Specifies the DACK (acknowledge) signal output is
high active or low active.
This bit is valid only in CHCR_0 and CHCR_1. This bit
is reserved in CHCR_2 to CHCR_7; it is always read
as 0 and the write value should always be 0.
0: Low-active output from DACK
1: High-active output from DACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com