Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 331 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 331 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 327Page - Renesas Technology Corp SH7672 Datasheet HTML 328Page - Renesas Technology Corp SH7672 Datasheet HTML 329Page - Renesas Technology Corp SH7672 Datasheet HTML 330Page - Renesas Technology Corp SH7672 Datasheet HTML 331Page - Renesas Technology Corp SH7672 Datasheet HTML 332Page - Renesas Technology Corp SH7672 Datasheet HTML 333Page - Renesas Technology Corp SH7672 Datasheet HTML 334Page - Renesas Technology Corp SH7672 Datasheet HTML 335Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 1292 page
background image
Section 8 Direct Memory Access Controller (DMAC)
Rev. 1.00 Nov. 14, 2007 Page 305 of 1262
REJ09B0437-0100
Bit
Bit Name
Initial
Value
R/W
Descriptions
21
0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
20
TEMASK
0
R/W
TE Set Mask
Indicates that DMA transfer is not terminated when the
TE bit is set to 1. By setting this bit together with the
SAR reload function or the DAR reload function, DMA
transfer can be executed until the transfer request is
canceled. Upon detection of the rising or falling edge of
an auto request or external request, this bit is ignored
and the DMA transfer is terminated when the TE bit is
set. Note that this function is enabled if either of the
RLDSAR bit or the RLDDAR bit is set to 1.
0: Terminates DMA if the TE bit is set.
1: Continues DMA even if the TE bit is set.
19
HE
0
R/(W)* Half-End Flag
This bit is set to 1 when the transfer count reaches half
of the DMATCR value that was specified before
transfer starts.
If DMA transfer ends because of an NMI interrupt, a
DMA address error, or clearing of the DE bit or the
DME bit in DMAOR before the transfer count reaches
half of the initial DMATCR value, the HE bit is not set to
1. If DMA transfer ends due to an NMI interrupt, a DMA
address error, or clearing of the DE bit or the DME bit
in DMAOR after the HE bit is set to 1, the bit remains
set to 1.
To clear the HE bit, write 0 to it after HE = 1 is read.
0: DMATCR > (DMATCR set before transfer starts)/2
during DMA transfer or after DMA transfer is
terminated
[Clearing condition]
• Writing 0 after reading HE = 1.
1: DMATCR
≤ (DMATCR set before transfer starts)/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com