Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 334 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 334 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 330Page - Renesas Technology Corp SH7672 Datasheet HTML 331Page - Renesas Technology Corp SH7672 Datasheet HTML 332Page - Renesas Technology Corp SH7672 Datasheet HTML 333Page - Renesas Technology Corp SH7672 Datasheet HTML 334Page - Renesas Technology Corp SH7672 Datasheet HTML 335Page - Renesas Technology Corp SH7672 Datasheet HTML 336Page - Renesas Technology Corp SH7672 Datasheet HTML 337Page - Renesas Technology Corp SH7672 Datasheet HTML 338Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 334 / 1292 page
background image
Section 8 Direct Memory Access Controller (DMAC)
Rev. 1.00 Nov. 14, 2007 Page 308 of 1262
REJ09B0437-0100
Bit
Bit Name
Initial
Value
R/W
Descriptions
11 to 8
RS[3:0]
0000
R/W
Resource Select
These bits specify which transfer requests will be sent
to the DMAC. The changing of transfer request source
should be done in the state when DMA enable bit (DE)
is set to 0.
0000: External request, dual address mode
0001: Setting prohibited
0010: External request/single address mode
External address space
→ External device with
DACK
0011: External request/single address mode
External device with DACK
→ External address
space
0100: Auto request
0101: Setting prohibited
0110: Setting prohibited
0111: Setting prohibited
1000: DMA extension resource selector
1001: Setting prohibited
1010: Setting prohibited
1011: Setting prohibited
1100: Setting prohibited
1101: Setting prohibited
1110: Setting prohibited
1111: Setting prohibited
Note: External request specification is valid only in
CHCR_0 to CHCR_3. If a request source is
selected in channels CHCR_4 to CHCR_7, no
operation will be performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com