Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 333 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 333 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 329Page - Renesas Technology Corp SH7672 Datasheet HTML 330Page - Renesas Technology Corp SH7672 Datasheet HTML 331Page - Renesas Technology Corp SH7672 Datasheet HTML 332Page - Renesas Technology Corp SH7672 Datasheet HTML 333Page - Renesas Technology Corp SH7672 Datasheet HTML 334Page - Renesas Technology Corp SH7672 Datasheet HTML 335Page - Renesas Technology Corp SH7672 Datasheet HTML 336Page - Renesas Technology Corp SH7672 Datasheet HTML 337Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 333 / 1292 page
background image
Section 8 Direct Memory Access Controller (DMAC)
Rev. 1.00 Nov. 14, 2007 Page 307 of 1262
REJ09B0437-0100
Bit
Bit Name
Initial
Value
R/W
Descriptions
15,14
DM[1:0]
00
R/W
Destination Address Mode
These bits select whether the DMA destination address
is incremented, decremented, or left fixed. (In single
address mode, DM1 and DM0 bits are ignored when
data is transferred to an external device with DACK.)
00: Fixed destination address
01: Destination address is incremented (+1 in 8-bit
transfer, +2 in 16-bit transfer, +4 in 32-bit transfer,
+16 in 16-byte transfer)
10: Destination address is decremented (–1 in 8-bit
transfer, –2 in 16-bit transfer, –4 in 32-bit transfer,
setting prohibited in 16-byte transfer)
11: Setting prohibited
13, 12
SM[1:0]
00
R/W
Source Address Mode
These bits select whether the DMA source address is
incremented, decremented, or left fixed. (In single
address mode, SM1 and SM0 bits are ignored when
data is transferred from an external device with DACK.)
00: Fixed source address
01: Source address is incremented (+1 in byte-unit
transfer, +2 in word-unit transfer, +4 in longword-
unit transfer, +16 in 16-byte-unit transfer)
10: Source address is decremented (–1 in byte-unit
transfer, –2 in word-unit transfer, –4 in longword-
unit transfer, setting prohibited in 16-byte-unit
transfer)
11: Setting prohibited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com