Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 329 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 329 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 325Page - Renesas Technology Corp SH7672 Datasheet HTML 326Page - Renesas Technology Corp SH7672 Datasheet HTML 327Page - Renesas Technology Corp SH7672 Datasheet HTML 328Page - Renesas Technology Corp SH7672 Datasheet HTML 329Page - Renesas Technology Corp SH7672 Datasheet HTML 330Page - Renesas Technology Corp SH7672 Datasheet HTML 331Page - Renesas Technology Corp SH7672 Datasheet HTML 332Page - Renesas Technology Corp SH7672 Datasheet HTML 333Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 329 / 1292 page
background image
Section 8 Direct Memory Access Controller (DMAC)
Rev. 1.00 Nov. 14, 2007 Page 303 of 1262
REJ09B0437-0100
8.3.4
DMA Channel Control Registers (CHCR)
The DMA channel control registers (CHCR) are 32-bit readable/writable registers that control the
DMA transfer mode.
The DO, AM, AL, DL, and DS bits which specify the DREQ and DACK external pin functions
can be read and written to in channels 0 and 1, but they are reserved in channels 2 to 7. The TL bit
which specifies the TEND external pin function can be read and written to in channels 0 and 1, but
it is reserved in channels 2 to 7.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0000000000000000
R/W
R
R
R/W
R
R
R
R
R/W
R/W
R
R
R/(W)* R/W
R/W
R/W
0000000000000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W R/(W)* R/W
Bit:
Initial value:
R/W:
Bit:
Initial value:
R/W:
Note:
Only 0 can be written to clear the flag after 1 is read.
*
TC

RLD

DO
TL

HE
HIE
AM
AL
DM[1:0]
SM[1:0]
RS[3:0]
DL
DS
TB
TS[1:0]
IE
TE
DE
Bit
Bit Name
Initial
Value
R/W
Descriptions
31
TC
0
R/W
Transfer Count Mode
Specifies whether to transmit data once or for the count
specified in DMATCR by one transfer request. This
function is valid only at a request of the peripheral
module. Note that when this bit is set to 0, the TB bit
must not be set to 1 (burst mode). When the SCIF or
IIC3 is selected for the transfer request source, this bit
(TC) must not be set to 1.
0: Transmits data once by one transfer request.
1: Transmits data for the count specified in DMATCR
by one transfer request.
30
0
R
Reserved
These bits are always read as 0. The write value
should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com