| Electronic Components Datasheet Search |
|
SH7672 Datasheet(PDF) 328 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7672 Datasheet(HTML) 328 Page - Renesas Technology Corp |
|
328 / 1292 page ![]() Section 8 Direct Memory Access Controller (DMAC) Rev. 1.00 Nov. 14, 2007 Page 302 of 1262 REJ09B0437-0100 8.3.2 DMA Destination Address Registers (DAR) The DMA destination address registers (DAR) are 32-bit readable/writable registers that specify the destination address of a DMA transfer. During a DMA transfer, these registers indicate the next destination address. When the data of an external device with DACK is transferred in single address mode, DAR is ignored. To transfer data in word (2-byte), longword (4-byte), or 16-byte unit, specify the address with 2- byte, 4-byte, or16-byte address boundary respectively. 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 0000000000000000 R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W 0000000000000000 R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W Bit: Initial value: R/W: Bit: Initial value: R/W: 8.3.3 DMA Transfer Count Registers (DMATCR) The DMA transfer count registers (DMATCR) are 32-bit readable/writable registers that specify the number of DMA transfers. The transfer count is 1 when the setting is H'00000001, 16,777,215 when H'00FFFFFF is set, and 16,777,216 (the maximum) when H'00000000 is set. During a DMA transfer, these registers indicate the remaining transfer count. The upper eight bits of DMATCR are always read as 0, and the write value should always be 0. To transfer data in 16 bytes, one 16-byte transfer (128 bits) counts one. 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 0000000000000000 R R R R R R R R R/W R/W R/W R/W R/W R/W R/W R/W 0000000000000000 R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W Bit: Initial value: R/W: Bit: Initial value: R/W: |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |