Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 327 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 327 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 323Page - Renesas Technology Corp SH7672 Datasheet HTML 324Page - Renesas Technology Corp SH7672 Datasheet HTML 325Page - Renesas Technology Corp SH7672 Datasheet HTML 326Page - Renesas Technology Corp SH7672 Datasheet HTML 327Page - Renesas Technology Corp SH7672 Datasheet HTML 328Page - Renesas Technology Corp SH7672 Datasheet HTML 329Page - Renesas Technology Corp SH7672 Datasheet HTML 330Page - Renesas Technology Corp SH7672 Datasheet HTML 331Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 327 / 1292 page
background image
Section 8 Direct Memory Access Controller (DMAC)
Rev. 1.00 Nov. 14, 2007 Page 301 of 1262
REJ09B0437-0100
Channel
Register Name
Abbreviation R/W
Initial Value
Address
Access
Size
Common
DMA operation register DMAOR
R/W*
2
H'0000
H'FFFE1200
8, 16
0 and 1
DMA extension
resource selector 0
DMARS0
R/W
H'0000
H'FFFE1300
16
2 and 3
DMA extension
resource selector 1
DMARS1
R/W
H'0000
H'FFFE1304
16
4 and 5
DMA extension
resource selector 2
DMARS2
R/W
H'0000
H'FFFE1308
16
6 and 7
DMA extension
resource selector 3
DMARS3
R/W
H'0000
H'FFFE130C
16
Notes: 1. For the HE and TE bits in CHCRn, only 0 can be written to clear the flags after 1 is
read.
2. For the AE and NMIF bits in DMAOR, only 0 can be written to clear the flags after 1 is
read.
8.3.1
DMA Source Address Registers (SAR)
The DMA source address registers (SAR) are 32-bit readable/writable registers that specify the
source address of a DMA transfer. During a DMA transfer, these registers indicate the next source
address. When the data of an external device with DACK is transferred in single address mode,
SAR is ignored.
To transfer data in word (2-byte), longword (4-byte), or 16-byte unit, specify the address with 2-
byte, 4-byte, or16-byte address boundary respectively.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0000000000000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0000000000000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
Initial value:
R/W:
Bit:
Initial value:
R/W:





Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com