Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 350 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 350 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 346Page - Renesas Technology Corp SH7672 Datasheet HTML 347Page - Renesas Technology Corp SH7672 Datasheet HTML 348Page - Renesas Technology Corp SH7672 Datasheet HTML 349Page - Renesas Technology Corp SH7672 Datasheet HTML 350Page - Renesas Technology Corp SH7672 Datasheet HTML 351Page - Renesas Technology Corp SH7672 Datasheet HTML 352Page - Renesas Technology Corp SH7672 Datasheet HTML 353Page - Renesas Technology Corp SH7672 Datasheet HTML 354Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 350 / 1292 page
background image
Section 8 Direct Memory Access Controller (DMAC)
Rev. 1.00 Nov. 14, 2007 Page 324 of 1262
REJ09B0437-0100
Choose to detect DREQ by either the edge or level of the signal input with the DL and DS bits in
CHCR_0 and CHCR_1 as shown in table 8.6. The source of the transfer request does not have to
be the data transfer source or destination. Upon detection of a rising or falling edge, one transfer
request in burst mode causes the transfer to continue until DMATCR = 0 is reached. In cycle steal
mode, one transfer request results in a single transfer.
Table 8.6
Selecting External Request Detection with DL and DS Bits
CHCR
DL bit
DS bit
Detection of External Request
0
Low level detection
0
1
Falling edge detection
0
High level detection
1
1
Rising edge detection
When DREQ is accepted, the DREQ pin enters the request accept disabled state (non-sensitive
period). After issuing acknowledge DACK signal for the accepted DREQ, the DREQ pin again
enters the request accept enabled state.
When DREQ is used by level detection, there are following two cases by the timing to detect the
next DREQ after outputting DACK.
Overrun 0: Transfer is terminated after the same number of transfer has been performed as
requests.
Overrun 1: Transfer is terminated after transfers have been performed for (the number of requests
plus 1) times.
The DO bit in CHCR selects this overrun 0 or overrun 1.
Table 8.7
Selecting External Request Detection with DO Bit
CHCR
DO bit
External Request
0
Overrun 0
1
Overrun 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com