Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 348 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 348 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 344Page - Renesas Technology Corp SH7672 Datasheet HTML 345Page - Renesas Technology Corp SH7672 Datasheet HTML 346Page - Renesas Technology Corp SH7672 Datasheet HTML 347Page - Renesas Technology Corp SH7672 Datasheet HTML 348Page - Renesas Technology Corp SH7672 Datasheet HTML 349Page - Renesas Technology Corp SH7672 Datasheet HTML 350Page - Renesas Technology Corp SH7672 Datasheet HTML 351Page - Renesas Technology Corp SH7672 Datasheet HTML 352Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 348 / 1292 page
background image
Section 8 Direct Memory Access Controller (DMAC)
Rev. 1.00 Nov. 14, 2007 Page 322 of 1262
REJ09B0437-0100
Start
Initial settings
(SAR, DAR, DMATCR, CHCR,
DMAOR, DMARS)
DE, DME = 1 and
NMIF, AE, TE = 0?
No
No
Yes
Yes
Transfer request
occurs?*1
Transfer (one transfer unit);
DMATCR – 1
→ DMATCR,
SAR and DAR updated
DMATCR = 0?
No
No
Yes
Yes
No
No
No
DEI interrupt request
(when IE = 1)
For a request from an
on-chip peripheral module,
the transfer acknowledge signal
is sent to the module.
When reload function is enabled,
RSAR
→ SAR, RDAR → DAR,
and RDMATCR
→ DMATCR
TE = 1
NMIF = 1
or AE = 1 or DE = 0
or DME = 0?
NMIF = 1
or AE = 1 or DE = 0
or DME = 0?
Transfer end
Transfer terminated
Normal end
Bus mode,
transfer request mode,
DREQ detection system
*3
*2
Yes
Yes
Yes
DMATCR=1/2 ?
HEI interrupt request
(when HE = 1)
HE=1
When the TC bit in CHCR is 0, or
for a request from an on-chip peripheral
module, the transfer acknowledge
signal is sent to the module.
Notes: 1. In auto-request mode, transfer begins when the NMIF, AE, and TE bits are cleared to 0 and the
DE and DME bits are set to 1.
2. DREQ level detection in burst mode (external request) or cycle steal mode.
3. DREQ edge detection in burst mode (external request), or auto request mode in burst mode.
Upon detection
of the level of an external
request or at a request of an on-chip
peripheral module, is the
TEMASK bit set to 1?
Figure 8.2 DMA Transfer Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com