Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 417 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 417 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 413Page - Renesas Technology Corp SH7672 Datasheet HTML 414Page - Renesas Technology Corp SH7672 Datasheet HTML 415Page - Renesas Technology Corp SH7672 Datasheet HTML 416Page - Renesas Technology Corp SH7672 Datasheet HTML 417Page - Renesas Technology Corp SH7672 Datasheet HTML 418Page - Renesas Technology Corp SH7672 Datasheet HTML 419Page - Renesas Technology Corp SH7672 Datasheet HTML 420Page - Renesas Technology Corp SH7672 Datasheet HTML 421Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 417 / 1292 page
background image
Section 11 Power-Down Modes
Rev. 1.00 Nov. 14, 2007 Page 391 of 1262
REJ09B0437-0100
(2) Canceling Software Standby Mode
Software standby mode is canceled by interrupts (NMI or IRQ) or a reset (power-on reset). The
CKIO pin starts outputting the clock in clock mode 0, 1, or 3.
• Canceling with an interrupt
When the falling edge or rising edge of the NMI pin (selected by the NMI edge select bit
(NMIE) in interrupt control register 0 (ICR0) of the interrupt controller (INTC)) or the falling
edge or rising edge of an IRQ pin (IRQ7 to IRQ0) (selected by the IRQn sense select bits
(IRQn1S and IRQn0S) in interrupt control register 1 (ICR1) of the interrupt controller (INTC))
is detected, clock oscillation is started. This clock pulse is supplied only to the oscillation
settling counter (WDT) used to count the oscillation settling time.
After the elapse of the time set in the clock select bits (CKS[2:0]) in the watchdog timer
control/status register (WTCSR) of the WDT before the transition to software standby mode,
the WDT overflow occurs. Since this overflow indicates that the clock has been stabilized, the
clock pulse will be supplied to the entire chip after this overflow. Software standby mode is
thus cleared and NMI interrupt exception handling (IRQ interrupt exception handling in the
case of IRQ) starts. However, if the priority level of IRQ interrupt is lower than the interrupt
mask level set in the status register (SR) of the CPU, the interrupt request is not accepted and
thus the software standby mode is not released.
When canceling software standby mode by the NMI interrupt or IRQ interrupt, set the
CKS[2:0] bits so that the WDT overflow period will be equal to or longer than the oscillation
settling time.
The clock output phase of the CKIO pin may be unstable immediately after detecting an
interrupt and until software standby mode is canceled. When software standby mode is
canceled by the falling edge of the NMI pin, the NMI pin should be high when the CPU enters
software standby mode (when the clock pulse stops) and should be low when the CPU returns
from software standby mode (when the clock is initiated after the oscillation settling). When
software standby mode is canceled by the rising edge of the NMI pin, the NMI pin should be
low when the CPU enters software standby mode (when the clock pulse stops) and should be
high when the CPU returns from software standby mode (when the clock is initiated after the
oscillation settling) (This is the same with the IRQ pin.)
• Canceling with a reset
When the
RES pin is driven low, software standby mode is released and this LSI enters the
power-on reset state. And if the
RES pin is driven high after that, the power-on reset exception
handling starts.
Keep the
RES pin low until the clock oscillation settles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com