Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 418 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 418 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 414Page - Renesas Technology Corp SH7672 Datasheet HTML 415Page - Renesas Technology Corp SH7672 Datasheet HTML 416Page - Renesas Technology Corp SH7672 Datasheet HTML 417Page - Renesas Technology Corp SH7672 Datasheet HTML 418Page - Renesas Technology Corp SH7672 Datasheet HTML 419Page - Renesas Technology Corp SH7672 Datasheet HTML 420Page - Renesas Technology Corp SH7672 Datasheet HTML 421Page - Renesas Technology Corp SH7672 Datasheet HTML 422Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 418 / 1292 page
background image
Section 11 Power-Down Modes
Rev. 1.00 Nov. 14, 2007 Page 392 of 1262
REJ09B0437-0100
11.3.3
Software Standby Mode Application Example
This example describes a transition to software standby mode on the falling edge of the NMI
signal, and cancellation on the rising edge of the NMI signal. The timing is shown in figure 11.1.
When the NMI pin is changed from high to low level while the NMI edge select bit (NMIE) in
ICR is set to 0 (falling edge detection), the NMI interrupt is accepted. When the NMIE bit is set to
1 (rising edge detection) by the NMI exception service routine, the STBY bit in STBCR is set to 1,
and a SLEEP instruction is executed, software standby mode is entered. Thereafter, software
standby mode is canceled when the NMI pin is changed from low to high level.
CK
NMI pin
NMIE bit
STBY bit
LSI state
Oscillator
Program
execution
NMI
exception
handling
NMI exception
handling
Exception
service routine
Software
standby mode
Oscillation
settling time
Figure 11.1 NMI Timing in Software Standby Mode (Application Example)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com