Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 415 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 415 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 411Page - Renesas Technology Corp SH7672 Datasheet HTML 412Page - Renesas Technology Corp SH7672 Datasheet HTML 413Page - Renesas Technology Corp SH7672 Datasheet HTML 414Page - Renesas Technology Corp SH7672 Datasheet HTML 415Page - Renesas Technology Corp SH7672 Datasheet HTML 416Page - Renesas Technology Corp SH7672 Datasheet HTML 417Page - Renesas Technology Corp SH7672 Datasheet HTML 418Page - Renesas Technology Corp SH7672 Datasheet HTML 419Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 415 / 1292 page
background image
Section 11 Power-Down Modes
Rev. 1.00 Nov. 14, 2007 Page 389 of 1262
REJ09B0437-0100
11.3
Operation
11.3.1
Sleep Mode
(1) Transition to Sleep Mode
Executing the SLEEP instruction when the STBY bit in STBCR is 0 causes a transition from the
program execution state to sleep mode. Although the CPU halts immediately after executing the
SLEEP instruction, the contents of its internal registers remain unchanged. The on-chip modules
continue to run in sleep mode. Clock pulses continue to be output on the CKIO pin in clock mode
0, 1, or 3.
(2) Canceling Sleep Mode
Sleep mode is canceled by an interrupt (NMI, IRQ, and on-chip peripheral module), DMA address
error, or reset (power-on reset).
• Canceling with an interrupt
When an NMI, IRQ, or on-chip peripheral module interrupt occurs, sleep mode is canceled and
interrupt exception handling is executed. When the priority level of the generated interrupt is
equal to or lower than the interrupt mask level that is set in the status register (SR) of the CPU,
or the interrupt by the on-chip peripheral module is disabled on the module side, the interrupt
request is not accepted and sleep mode is not canceled.
• Canceling with a DMA address error
When a DMA address error occurs, sleep mode is canceled and DMA address error exception
handling is executed.
• Canceling with a reset
Sleep mode is canceled by a power-on reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com