Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 412 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 412 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 408Page - Renesas Technology Corp SH7672 Datasheet HTML 409Page - Renesas Technology Corp SH7672 Datasheet HTML 410Page - Renesas Technology Corp SH7672 Datasheet HTML 411Page - Renesas Technology Corp SH7672 Datasheet HTML 412Page - Renesas Technology Corp SH7672 Datasheet HTML 413Page - Renesas Technology Corp SH7672 Datasheet HTML 414Page - Renesas Technology Corp SH7672 Datasheet HTML 415Page - Renesas Technology Corp SH7672 Datasheet HTML 416Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 412 / 1292 page
background image
Section 11 Power-Down Modes
Rev. 1.00 Nov. 14, 2007 Page 386 of 1262
REJ09B0437-0100
11.2.6
System Control Register 2 (SYSCR2)
SYSCR2 is an 8-bit readable/writable register that enables or disables write to the on-chip RAM
(high-speed). SYSCR2 is valid only in byte access.
When the RAMWE bit is set to 1, writing to the on-chip RAM (high-speed) is enabled. When an
RAMWE bit is cleared to 0, the corresponding on-chip RAM (high-speed) area cannot be written
to. In this case, writing to the on-chip RAM (high-speed) is ignored. The initial value of an
RAMWE bit is 1.
Note that when clearing the RAMWE bit to 0 to disable the on-chip RAM, be sure to execute an
instruction to read from or write to the same arbitrary address in each page before setting the
RAMWE bit. If such an instruction is not executed, the data last written may not be written to the
on-chip RAM (high-speed). Furthermore, an instruction to access the on-chip RAM (high-speed)
should not be located immediately after the instruction to write to SYSCR2. If an on-chip RAM
(high-speed) access instruction is set, normal access is not guaranteed.
If this bit is set to 1 to enable writing to the on-chip RAM (high-speed), the SYSCR2 read
instruction must be placed immediately after the SYSCR2 write instruction. If the on-chip RAM
(high-speed) access instruction is placed immediately after the SYSCR2 write instruction, then
normal access will not be guaranteed.
Note:
See section 11.4, Usage Notes, when writing data to this register.
7654321
0
11111111
RRRR
R/W
R/W
R/W
R/W
Bit:
Initial value:
R/W:

RAM
WE3
RAM
WE2
RAM
WE1
RAM
WE0
Bit
Bit Name
Initial
Value
R/W
Description
7 to 4
All 1
R
Reserved
These bits are always read as 1. The write value
should always be 1.
3
RAMWE3
1
R/W
RAM Write Enable 3 (corresponding RAM addresses:
Page 3 in on-chip RAM (high-speed)*)
0: On-chip RAM (high-speed) write disabled
1: On-chip RAM (high-speed) write enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com