Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 416 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 416 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 412Page - Renesas Technology Corp SH7672 Datasheet HTML 413Page - Renesas Technology Corp SH7672 Datasheet HTML 414Page - Renesas Technology Corp SH7672 Datasheet HTML 415Page - Renesas Technology Corp SH7672 Datasheet HTML 416Page - Renesas Technology Corp SH7672 Datasheet HTML 417Page - Renesas Technology Corp SH7672 Datasheet HTML 418Page - Renesas Technology Corp SH7672 Datasheet HTML 419Page - Renesas Technology Corp SH7672 Datasheet HTML 420Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 416 / 1292 page
background image
Section 11 Power-Down Modes
Rev. 1.00 Nov. 14, 2007 Page 390 of 1262
REJ09B0437-0100
11.3.2
Software Standby Mode
(1) Transition to Software Standby Mode
The LSI switches from a program execution state to software standby mode by executing the
SLEEP instruction when the STBY bit in STBCR is 1. In software standby mode, not only the
CPU but also the clock and on-chip peripheral modules halt. The clock output from the CKIO pin
also halts in clock mode 0, 1, or 3.
The contents of the CPU remain unchanged. Some registers of on-chip peripheral modules are,
however, initialized. Regarding the states of on-chip peripheral module registers in software
standby mode, see section 28.3, Register States in Each Operating Mode.
The CPU takes one cycle to finish writing to STBCR, and then executes processing for the next
instruction. However, it takes one or more cycles to actually write. Therefore, execute a SLEEP
instruction after reading STBCR to have the values written to STBCR by the CPU to be definitely
reflected in the SLEEP instruction.
The procedure for switching to software standby mode is as follows:
1. Clear the TME bit in the WDT's timer control register (WTCSR) to 0 to stop the WDT.
2. Set the WDT's timer counter (WTCNT) to 0 and the CKS[2:0] bits in WTCSR to appropriate
values to secure the specified oscillation settling time.
3. After setting the STBY bit in STBCR to 1, read STBCR. Then, execute a SLEEP instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com