Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 144 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 144 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 140Page - Renesas Technology Corp SH7672 Datasheet HTML 141Page - Renesas Technology Corp SH7672 Datasheet HTML 142Page - Renesas Technology Corp SH7672 Datasheet HTML 143Page - Renesas Technology Corp SH7672 Datasheet HTML 144Page - Renesas Technology Corp SH7672 Datasheet HTML 145Page - Renesas Technology Corp SH7672 Datasheet HTML 146Page - Renesas Technology Corp SH7672 Datasheet HTML 147Page - Renesas Technology Corp SH7672 Datasheet HTML 148Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 1292 page
background image
Section 5 Exception Handling
Rev. 1.00 Nov. 14, 2007 Page 118 of 1262
REJ09B0437-0100
5.3.2
Address Error Exception Handling
When an address error occurs, the bus cycle in which the address error occurred ends.* When the
executing instruction then finishes, address error exception handling starts. The CPU operates as
follows:
1. The exception service routine start address which corresponds to the address error that
occurred is fetched from the exception handling vector table.
2. The status register (SR) is saved on the stack.
3. The program counter (PC) is saved on the stack. The PC value saved is the start address of the
instruction to be executed after the last executed instruction.
4. After jumping to the exception service routine start address fetched from the exception
handling vector table, program execution starts. The jump that occurs is not a delayed branch.
Note:
This sequence only applies to address errors in the reading and writing of data. In case of
an address error due to instruction fetching, if the bus cycle in which the address error
occurred is not completed by the end of step 3 above, address-error exception handling by
the CPU is restarted. This continues until the bus cycle is complete.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com