Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 142 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 142 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 138Page - Renesas Technology Corp SH7672 Datasheet HTML 139Page - Renesas Technology Corp SH7672 Datasheet HTML 140Page - Renesas Technology Corp SH7672 Datasheet HTML 141Page - Renesas Technology Corp SH7672 Datasheet HTML 142Page - Renesas Technology Corp SH7672 Datasheet HTML 143Page - Renesas Technology Corp SH7672 Datasheet HTML 144Page - Renesas Technology Corp SH7672 Datasheet HTML 145Page - Renesas Technology Corp SH7672 Datasheet HTML 146Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 1292 page
background image
Section 5 Exception Handling
Rev. 1.00 Nov. 14, 2007 Page 116 of 1262
REJ09B0437-0100
5.2.4
Manual Reset
(1)
Manual Reset by Means of WDT
When a manual reset is set to occur in the WDT’s watchdog timer mode, if the WDT’s WTCNT
overflows, the manual reset state is established. In the manual reset state, the internal state of the
CPU is initialized, but the registers in on-chip peripheral modules are not initialized.
When manual reset exception handling is started, the CPU operates as follows.
1. The initial value (execution start address) of the program counter (PC) is fetched from the
exception handling vector table.
2. The initial value of the stack pointer (SP) is fetched from the exception handling vector table.
3. The vector base register (VBR) is cleared to H'00000000, the interrupt mask level bits (I3 to
I0) of the status register (SR) are initialized to H'F (B'1111), and the BO and CS bits are
initialized. The BN bit in IBNR of the INTC is also initialized to 0.
4. The values fetched from the exception handling vector table are set in the PC and SP, and the
program begins executing.
When a manual reset is generated, the bus cycle is retained, but if a manual reset occurs while the
bus is released or during DMAC burst transfer, manual reset exception handling will be deferred
until the CPU acquires the bus. However, if the interval from generation of the manual reset until
the end of the bus cycle is equal to or longer than the fixed internal manual reset interval cycles,
the internal manual reset source is ignored instead of being deferred, and manual reset exception
handling is not executed. The FPU and other modules are not initialized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com