Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 139 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 139 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 135Page - Renesas Technology Corp SH7672 Datasheet HTML 136Page - Renesas Technology Corp SH7672 Datasheet HTML 137Page - Renesas Technology Corp SH7672 Datasheet HTML 138Page - Renesas Technology Corp SH7672 Datasheet HTML 139Page - Renesas Technology Corp SH7672 Datasheet HTML 140Page - Renesas Technology Corp SH7672 Datasheet HTML 141Page - Renesas Technology Corp SH7672 Datasheet HTML 142Page - Renesas Technology Corp SH7672 Datasheet HTML 143Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 1292 page
background image
Section 5 Exception Handling
Rev. 1.00 Nov. 14, 2007 Page 113 of 1262
REJ09B0437-0100
5.2
Resets
5.2.1
Input/Output Pins
Table 5.5 shows the reset-related pin configuration.
Table 5.5
Pin Configuration
Pin Name
Symbol
I/O
Function
Power-on reset
RES
Input
When this pin is driven low, this LSI shifts to the power-
on reset processing
5.2.2
Types of Reset
A reset is the highest-priority exception handling source. There are two kinds of reset, power-on
and manual. As shown in table 5.6, the CPU state is initialized in both a power-on reset and a
manual reset. The FPU state is initialized by a power-on reset, but not by a manual reset. On-chip
peripheral module registers are initialized by a power-on reset, but not by a manual reset.
Table 5.6
Reset States
Conditions for Transition to Reset State
Internal States
Type
RES H-UDI Command MRES
WDT
Overflow
CPU
On-Chip
Peripheral
Modules, I/O Port
WRCSR of
WDT, FRQCR of
CPG
Low
—
—
—
Initialized
Initialized
Initialized
High
H-UDI reset assert
command is set
—
—
Initialized
Initialized
Initialized
Power-on
reset
High
Command other
than H-UDI reset
assert is set
—
Power-on
reset
Initialized
Initialized
Not initialized
High
Command other
than H-UDI reset
assert is set
Low
—
Initialized
Not initialized*
Not initialized
Manual
reset
High
Command other
than H-UDI reset
assert is set
High
Manual
reset
Initialized
Not initialized*
Not initialized
Note:
*
The BN bit in IBNR of the INTC is initialized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com