Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 136 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 136 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 132Page - Renesas Technology Corp SH7672 Datasheet HTML 133Page - Renesas Technology Corp SH7672 Datasheet HTML 134Page - Renesas Technology Corp SH7672 Datasheet HTML 135Page - Renesas Technology Corp SH7672 Datasheet HTML 136Page - Renesas Technology Corp SH7672 Datasheet HTML 137Page - Renesas Technology Corp SH7672 Datasheet HTML 138Page - Renesas Technology Corp SH7672 Datasheet HTML 139Page - Renesas Technology Corp SH7672 Datasheet HTML 140Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 1292 page
background image
Section 5 Exception Handling
Rev. 1.00 Nov. 14, 2007 Page 110 of 1262
REJ09B0437-0100
When exception handling starts, the CPU operates as follows:
(1)
Exception Handling Triggered by Reset
The initial values of the program counter (PC) and stack pointer (SP) are fetched from the
exception handling vector table (PC and SP are respectively the H'00000000 and H'00000004
addresses for power-on resets and the H'00000008 and H'0000000C addresses for manual resets).
See section 5.1.3, Exception Handling Vector Table, for more information. The vector base
register (VBR) is then initialized to H'00000000, the interrupt mask level bits (I3 to I0) of the
status register (SR) are initialized to H'F (B'1111), and the BO and CS bits are initialized. The BN
bit in IBNR of the interrupt controller (INTC) is also initialized to 0. The program begins running
from the PC address fetched from the exception handling vector table.
(2)
Exception Handling Triggered by Address Errors, Register Bank Errors, Interrupts,
and Instructions
SR and PC are saved to the stack indicated by R15. In the case of interrupt exception handling
other than NMI or user breaks with usage of the register banks enabled, general registers R0 to
R14, control register GBR, system registers MACH, MACL, and PR, and the vector table address
offset of the interrupt exception handling to be executed are saved to the register banks. In the case
of exception handling due to an address error, register bank error, NMI interrupt, user break
interrupt, or instruction, saving to a register bank is not performed. When saving is performed to
all register banks, automatic saving to the stack is performed instead of register bank saving. In
this case, an interrupt controller setting must have been made so that register bank overflow
exceptions are not accepted (the BOVE bit in IBNR of the INTC is 0). If a setting to accept
register bank overflow exceptions has been made (the BOVE bit in IBNR of the INTC is 1),
register bank overflow exception will be generated. In the case of interrupt exception handling, the
interrupt priority level is written to the I3 to I0 bits in SR. In the case of exception handling due to
an address error or instruction, the I3 to I0 bits are not affected. The exception service routine start
address is then fetched from the exception handling vector table and the program begins running
from that address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com