Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 145 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 145 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 141Page - Renesas Technology Corp SH7672 Datasheet HTML 142Page - Renesas Technology Corp SH7672 Datasheet HTML 143Page - Renesas Technology Corp SH7672 Datasheet HTML 144Page - Renesas Technology Corp SH7672 Datasheet HTML 145Page - Renesas Technology Corp SH7672 Datasheet HTML 146Page - Renesas Technology Corp SH7672 Datasheet HTML 147Page - Renesas Technology Corp SH7672 Datasheet HTML 148Page - Renesas Technology Corp SH7672 Datasheet HTML 149Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 1292 page
background image
Section 5 Exception Handling
Rev. 1.00 Nov. 14, 2007 Page 119 of 1262
REJ09B0437-0100
5.4
Register Bank Errors
5.4.1
Register Bank Error Sources
(1)
Bank Overflow
In the state where saving has already been performed to all register bank areas, bank overflow
occurs when acceptance of register bank overflow exception has been set by the interrupt
controller (the BOVE bit in IBNR of the INTC is set to 1) and an interrupt that uses a register
bank has occurred and been accepted by the CPU.
(2)
Bank Underflow
Bank underflow occurs when an attempt is made to execute a RESBANK instruction while saving
has not been performed to register banks.
5.4.2
Register Bank Error Exception Handling
When a register bank error occurs, register bank error exception handling starts. The CPU operates
as follows:
1. The exception service routine start address which corresponds to the register bank error that
occurred is fetched from the exception handling vector table.
2. The status register (SR) is saved to the stack.
3. The program counter (PC) is saved to the stack. The PC value saved is the start address of the
instruction to be executed after the last executed instruction for a bank overflow, and the start
address of the executed RESBANK instruction for a bank underflow.
To prevent multiple interrupts from occurring at a bank overflow, the interrupt priority level
that caused the bank overflow is written to the interrupt mask level bits (I3 to I0) of the status
register (SR).
4. After jumping to the exception service routine start address fetched from the exception
handling vector table, program execution starts. The jump that occurs is not a delayed branch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com