Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 146 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 146 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 142Page - Renesas Technology Corp SH7672 Datasheet HTML 143Page - Renesas Technology Corp SH7672 Datasheet HTML 144Page - Renesas Technology Corp SH7672 Datasheet HTML 145Page - Renesas Technology Corp SH7672 Datasheet HTML 146Page - Renesas Technology Corp SH7672 Datasheet HTML 147Page - Renesas Technology Corp SH7672 Datasheet HTML 148Page - Renesas Technology Corp SH7672 Datasheet HTML 149Page - Renesas Technology Corp SH7672 Datasheet HTML 150Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 1292 page
background image
Section 5 Exception Handling
Rev. 1.00 Nov. 14, 2007 Page 120 of 1262
REJ09B0437-0100
5.5
Interrupts
5.5.1
Interrupt Sources
Table 5.8 shows the sources that start up interrupt exception handling. These are divided into
NMI, user breaks, H-UDI, IRQ, PINT, and on-chip peripheral modules.
Table 5.8
Interrupt Sources
Type
Request Source
Number of
Sources
NMI
NMI pin (external input)
1
User break
User break controller (UBC)
1
H-UDI
High-performance user debugging interface (H-UDI)
1
IRQ
IRQ0 to IRQ7 pins (external input)
8
Direct memory access controller (DMAC)
16
Ethernet controller (EtherC)
1
Compare match timer (CMT)
2
Bus state controller (BSC)
1
Watchdog timer (WDT)
1
Encryption/decryption and forward error correction
core conjunction DMAC (A-DMAC)
7
Stream interface (STIF)
2
Host interface (HIF)
2
Serial sound interface_0 (SSI_0)
1
Serial sound interface_1 (SSI_1)
1
SD host interface (SDHI)
3
USB2.0 host/function module (USB)
1
I
2C bus interface 3 (IIC3)
5
On-chip peripheral module
Serial communication interface with FIFO (SCIF)
16
Each interrupt source is allocated a different vector number and vector table offset. See table 6.4 in
section 6, Interrupt Controller (INTC), for more information on vector numbers and vector table
address offsets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com