Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 157 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 157 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 153Page - Renesas Technology Corp SH7672 Datasheet HTML 154Page - Renesas Technology Corp SH7672 Datasheet HTML 155Page - Renesas Technology Corp SH7672 Datasheet HTML 156Page - Renesas Technology Corp SH7672 Datasheet HTML 157Page - Renesas Technology Corp SH7672 Datasheet HTML 158Page - Renesas Technology Corp SH7672 Datasheet HTML 159Page - Renesas Technology Corp SH7672 Datasheet HTML 160Page - Renesas Technology Corp SH7672 Datasheet HTML 161Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 1292 page
background image
Section 6 Interrupt Controller (INTC)
Rev. 1.00 Nov. 14, 2007 Page 131 of 1262
REJ09B0437-0100
Section 6 Interrupt Controller (INTC)
The interrupt controller (INTC) ascertains the priority of interrupt sources and controls interrupt
requests to the CPU. The INTC registers set the order of priority of each interrupt, allowing the
user to process interrupt requests according to the user-set priority.
6.1
Features
• 16 levels of interrupt priority can be set
By setting the nine interrupt priority registers, the priorities of IRQ interrupts, and on-chip
peripheral module interrupts can be selected from 16 levels for request sources.
• NMI noise canceler function
An NMI input-level bit indicates the NMI pin state. By reading this bit in the interrupt
exception service routine, the pin state can be checked, enabling it to be used as the noise
canceler function.
• Register banks
This LSI has register banks that enable register saving and restoration required in the interrupt
processing to be performed at high speed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com