Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 183 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 183 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 179Page - Renesas Technology Corp SH7672 Datasheet HTML 180Page - Renesas Technology Corp SH7672 Datasheet HTML 181Page - Renesas Technology Corp SH7672 Datasheet HTML 182Page - Renesas Technology Corp SH7672 Datasheet HTML 183Page - Renesas Technology Corp SH7672 Datasheet HTML 184Page - Renesas Technology Corp SH7672 Datasheet HTML 185Page - Renesas Technology Corp SH7672 Datasheet HTML 186Page - Renesas Technology Corp SH7672 Datasheet HTML 187Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 1292 page
background image
Section 6 Interrupt Controller (INTC)
Rev. 1.00 Nov. 14, 2007 Page 157 of 1262
REJ09B0437-0100
F
2 Icyc + 3 Bcyc + 1 Pcyc
3 Icyc
m1
m2
m3
3 Icyc + m1 + m2
IRQ
Instruction (instruction replacing
interrupt exception handling)
m1:
m2:
m3:
F:
D:
E:
M:
First instruction in interrupt exception
service routine
Interrupt acceptance
DE
E
M
M
M
FD
E
[Legend]
Vector address read
Saving of SR (stack)
Saving of PC (stack)
Instruction fetch. Instruction is fetched from memory in which program is stored.
Instruction decoding. Fetched instruction is decoded.
Instruction execution. Data operation or address calculation is performed in accordance with the result of decoding.
Memory access. Memory data access is performed.
Figure 6.4 Example of Pipeline Operation when IRQ Interrupt is Accepted
(No Register Banking)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com