Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 188 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 188 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 184Page - Renesas Technology Corp SH7672 Datasheet HTML 185Page - Renesas Technology Corp SH7672 Datasheet HTML 186Page - Renesas Technology Corp SH7672 Datasheet HTML 187Page - Renesas Technology Corp SH7672 Datasheet HTML 188Page - Renesas Technology Corp SH7672 Datasheet HTML 189Page - Renesas Technology Corp SH7672 Datasheet HTML 190Page - Renesas Technology Corp SH7672 Datasheet HTML 191Page - Renesas Technology Corp SH7672 Datasheet HTML 192Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 1292 page
background image
Section 6 Interrupt Controller (INTC)
Rev. 1.00 Nov. 14, 2007 Page 162 of 1262
REJ09B0437-0100
6.8.1
Banked Register and Input/Output of Banks
(1)
Banked Register
The contents of the general registers (R0 to R14), global base register (GBR), multiply and
accumulate registers (MACH and MACL), and procedure register (PR), and the vector table
address offset are banked.
(2)
Input/Output of Banks
This LSI has fifteen register banks, bank 0 to bank 14. Register banks are stacked in first-in last-
out (FILO) sequence. Saving takes place in order, beginning from bank 0, and restoration takes
place in the reverse order, beginning from the last bank saved to.
6.8.2
Bank Save and Restore Operations
(1)
Saving to Bank
Figure 6.11 shows register bank save operations. The following operations are performed when an
interrupt for which usage of register banks is allowed is accepted by the CPU:
a. Assume that the bank number bit value in the bank number register (IBNR), BN, is i before the
interrupt is generated.
b. The contents of registers R0 to R14, GBR, MACH, MACL, and PR, and the interrupt vector
table address offset (VTO) of the accepted interrupt are saved in the bank indicated by BN,
bank i.
c. The BN value is incremented by 1.
Bank 0
Register banks
Registers
Bank 1
:
:
:
:
Bank i
Bank i + 1
Bank 14
+1
(a)
(c)
(b)
BN
GBR
MACH
MACL
PR
VTO
R0 to R14
Figure 6.11 Bank Save Operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com