Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 216 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 216 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 212Page - Renesas Technology Corp SH7672 Datasheet HTML 213Page - Renesas Technology Corp SH7672 Datasheet HTML 214Page - Renesas Technology Corp SH7672 Datasheet HTML 215Page - Renesas Technology Corp SH7672 Datasheet HTML 216Page - Renesas Technology Corp SH7672 Datasheet HTML 217Page - Renesas Technology Corp SH7672 Datasheet HTML 218Page - Renesas Technology Corp SH7672 Datasheet HTML 219Page - Renesas Technology Corp SH7672 Datasheet HTML 220Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 1292 page
background image
Section 7
Bus State Controller (BSC)
Rev. 1.00 Nov. 14, 2007 Page 190 of 1262
REJ09B0437-0100
Bit
Bit Name
Initial
Value
R/W
Description
15 to 13
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
12, 11
SW[1:0]
00
R/W
Number of Delay Cycles from Address,
CS4 Assertion
to
RD, WE Assertion
Specify the number of delay cycles from address and
CS4 assertion to RD and WE assertion.
00: 0.5 cycles
01: 1.5 cycles
10: 2.5 cycles
11: 3.5 cycles
10 to 7
WR[3:0]
1010
R/W
Number of Read Access Wait Cycles
Specify the number of cycles that are necessary for
read access.
0000: No cycle
0001: 1 cycle
0010: 2 cycles
0011: 3 cycles
0100: 4 cycles
0101: 5 cycles
0110: 6 cycles
0111: 8 cycles
1000: 10 cycles
1001: 12 cycles
1010: 14 cycles
1011: 18 cycles
1100: 24 cycles
1101: Reserved (setting prohibited)
1110: Reserved (setting prohibited)
1111: Reserved (setting prohibited)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com