Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 261 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 261 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 257Page - Renesas Technology Corp SH7672 Datasheet HTML 258Page - Renesas Technology Corp SH7672 Datasheet HTML 259Page - Renesas Technology Corp SH7672 Datasheet HTML 260Page - Renesas Technology Corp SH7672 Datasheet HTML 261Page - Renesas Technology Corp SH7672 Datasheet HTML 262Page - Renesas Technology Corp SH7672 Datasheet HTML 263Page - Renesas Technology Corp SH7672 Datasheet HTML 264Page - Renesas Technology Corp SH7672 Datasheet HTML 265Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 1292 page
background image
Section 7
Bus State Controller (BSC)
Rev. 1.00 Nov. 14, 2007 Page 235 of 1262
REJ09B0437-0100
(2)
Address Multiplexing
An address multiplexing is specified so that SDRAM can be connected without external
multiplexing circuitry according to the setting of bits BSZ[1:0] in CSnBCR, bits A2ROW[1:0],
and A2COL[1:0], A3ROW[1:0], and A3COL[1:0] in SDCR. Tables 7.11 to 7.16 show the
relationship between the settings of bits BSZ[1:0], A2ROW[1:0], A2COL[1:0], A3ROW[1:0], and
A3COL[1:0] and the bits output at the address pins. Do not specify those bits in the manner other
than this table, otherwise the operation of this LSI is not guaranteed. A25 to A18 are not
multiplexed and the original values of address are always output at these pins.
When the data bus width is 16 bits (BSZ1 and BSZ0 = B'10), A0 of SDRAM specifies a word
address. Therefore, connect this A0 pin of SDRAM to the A1 pin of the LSI; the A1 pin of
SDRAM to the A2 pin of the LSI, and so on. When the data bus width is 32 bits (BSZ1 and BSZ0
= B'11), the A0 pin of SDRAM specifies a longword address. Therefore, connect this A0 pin of
SDRAM to the A2 pin of the LSI; the A1 pin of SDRAM to the A3 pin of the LSI, and so on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com