Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 258 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 258 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 254Page - Renesas Technology Corp SH7672 Datasheet HTML 255Page - Renesas Technology Corp SH7672 Datasheet HTML 256Page - Renesas Technology Corp SH7672 Datasheet HTML 257Page - Renesas Technology Corp SH7672 Datasheet HTML 258Page - Renesas Technology Corp SH7672 Datasheet HTML 259Page - Renesas Technology Corp SH7672 Datasheet HTML 260Page - Renesas Technology Corp SH7672 Datasheet HTML 261Page - Renesas Technology Corp SH7672 Datasheet HTML 262Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 1292 page
background image
Section 7
Bus State Controller (BSC)
Rev. 1.00 Nov. 14, 2007 Page 232 of 1262
REJ09B0437-0100
7.5.5
SDRAM Interface
(1)
SDRAM Direct Connection
The SDRAM that can be connected to this LSI is a product that has 11/12/13 bits of row address,
8/9/10 bits of column address, 4 or less banks, and uses the A10 pin for setting precharge mode in
read and write command cycles.
The control signals for direct connection of SDRAM are
RAS, CAS, RD/WR, DQMUU,
DQMUL, DQMLU, DQMLL, CKE, and
CS3. All the signals other than CS3 are common to all
areas, and signals other than CKE are valid when
CS2 or CS3 is asserted. SDRAM can be
connected to up to 2 spaces. The data bus width of the area that is connected to SDRAM can be set
to 32 or 16 bits.
Burst read/single write (burst length 1) and burst read/burst write (burst length 1) are supported as
the SDRAM operating mode.
Commands for SDRAM can be specified by
RAS, CAS, RD/WR, and specific address signals.
These commands supports:
• NOP
• Auto-refresh (REF)
• Self-refresh (SELF)
• All banks pre-charge (PALL)
• Specified bank pre-charge (PRE)
• Bank active (ACTV)
• Read (READ)
• Read with pre-charge (READA)
• Write (WRIT)
• Write with pre-charge (WRITA)
• Write mode register (MRS, EMRS)
The byte to be accessed is specified by DQMUU, DQMUL, DQMLU, and DQMLL. Reading or
writing is performed for a byte whose corresponding DQMxx is low. For details on the
relationship between DQMxx and the byte to be accessed, see section 7.5.1, Endian/Access Size
and Data Alignment.
Figures 7.12 to 7.13 show examples of the connection of the SDRAM with the LSI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com