Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 257 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 257 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 253Page - Renesas Technology Corp SH7672 Datasheet HTML 254Page - Renesas Technology Corp SH7672 Datasheet HTML 255Page - Renesas Technology Corp SH7672 Datasheet HTML 256Page - Renesas Technology Corp SH7672 Datasheet HTML 257Page - Renesas Technology Corp SH7672 Datasheet HTML 258Page - Renesas Technology Corp SH7672 Datasheet HTML 259Page - Renesas Technology Corp SH7672 Datasheet HTML 260Page - Renesas Technology Corp SH7672 Datasheet HTML 261Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 1292 page
background image
Section 7
Bus State Controller (BSC)
Rev. 1.00 Nov. 14, 2007 Page 231 of 1262
REJ09B0437-0100
7.5.4
CSn Assert Period Expansion
The number of cycles from
CSn assertion to RD, WEn assertion can be specified by setting bits
SW1 and SW0 in CSnWCR. The number of cycles from
RD, WEn negation to CSn negation can
be specified by setting bits HW1 and HW0. Therefore, a flexible interface to an external device
can be obtained. Figure 7.11 shows an example. A Th cycle and a Tf cycle are added before and
after an ordinary cycle, respectively. In these cycles,
RD and WEn are not asserted, while other
signals are asserted. The data output is prolonged to the Tf cycle, and this prolongation is useful
for devices with slow writing operations.
T1
CKIO
A25 to A0
CSn
RD/
WR
RD
D31 to D0
WEn
D31 to D0
BS
Th
Read
Write
T2
DACKn*
Tf
Note: * The waveform for DACKn is when active low is specified.
Figure 7.11
CSn Assert Period Expansion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com