Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 278 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 278 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 274Page - Renesas Technology Corp SH7672 Datasheet HTML 275Page - Renesas Technology Corp SH7672 Datasheet HTML 276Page - Renesas Technology Corp SH7672 Datasheet HTML 277Page - Renesas Technology Corp SH7672 Datasheet HTML 278Page - Renesas Technology Corp SH7672 Datasheet HTML 279Page - Renesas Technology Corp SH7672 Datasheet HTML 280Page - Renesas Technology Corp SH7672 Datasheet HTML 281Page - Renesas Technology Corp SH7672 Datasheet HTML 282Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 1292 page
background image
Section 7
Bus State Controller (BSC)
Rev. 1.00 Nov. 14, 2007 Page 252 of 1262
REJ09B0437-0100
(5)
Burst Write
A burst write occurs in the following cases in this LSI.
• Access size in writing is larger than data bus width.
• Write-back of the cache
• 16-byte transfer in DMAC
This LSI always accesses SDRAM with burst length 1. For example, write access of burst length 1
is performed continuously 4 times to write 16-byte continuous data to the SDRAM that is
connected to a 32-bit data bus. This access is called burst write with the burst number 4. The
relationship between the access size and the number of bursts is shown in table 7.17. Figure 7.17
shows a timing chart for burst writes. In burst write, an ACTV command is output in the Tr cycle,
the WRIT command is issued in the Tc1, Tc2, and Tc3 cycles, and the WRITA command is issued
to execute an auto-precharge in the Tc4 cycle. In the write cycle, the write data is output
simultaneously with the write command. After the write command with the auto-precharge is
output, the Trw1 cycle that waits for the auto-precharge initiation is followed by the Tap cycle that
waits for completion of the auto-precharge induced by the WRITA command in the SDRAM.
Between the Trwl and the Tap cycle, a new command will not be issued to the same bank.
However, access to another CS space or another bank in the same SDRAM space is enabled. The
number of Trw1 cycles is specified by the TRWL1 and TRWL0 bits in CS3WCR. The number of
Tap cycles is specified by the WTRP1 and WTRP0 bits in CS3WCR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com