Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 282 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 282 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 278Page - Renesas Technology Corp SH7672 Datasheet HTML 279Page - Renesas Technology Corp SH7672 Datasheet HTML 280Page - Renesas Technology Corp SH7672 Datasheet HTML 281Page - Renesas Technology Corp SH7672 Datasheet HTML 282Page - Renesas Technology Corp SH7672 Datasheet HTML 283Page - Renesas Technology Corp SH7672 Datasheet HTML 284Page - Renesas Technology Corp SH7672 Datasheet HTML 285Page - Renesas Technology Corp SH7672 Datasheet HTML 286Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 1292 page
background image
Section 7
Bus State Controller (BSC)
Rev. 1.00 Nov. 14, 2007 Page 256 of 1262
REJ09B0437-0100
When bank active mode is set, if only access cycles to the respective banks in the area 3 space are
considered, as long as access cycles to the same row address continue, the operation starts with the
cycle in figure 7.19 or 7.22, followed by repetition of the cycle in figure 7.20 or 7.23. An access to
a different area during this time has no effect. If there is an access to a different row address in the
bank active state, after this is detected the bus cycle in figure 7.21 or 7.24 is executed instead of
that in figure 7.20 or 7.23. In bank active mode, too, all banks become inactive after a refresh
cycle or after the bus is released as the result of bus arbitration.
Tc4
CKIO
A25 to A0
CSn
RD/
WR
RAS
DQMxx
D31 to D0
BS
DACKn*2
Tr
Tc2
Tc3
Tc1
Td4
Td2
Td3
Td1
Tde
A12/A11*1
CAS
Notes: 1. Address pin to be connected to pin A10 of SDRAM.
2. The waveform for DACKn is when active low is specified.
Figure 7.19
Burst Read Timing (Bank Active, Different Bank, CAS Latency 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com