Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 280 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 280 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 276Page - Renesas Technology Corp SH7672 Datasheet HTML 277Page - Renesas Technology Corp SH7672 Datasheet HTML 278Page - Renesas Technology Corp SH7672 Datasheet HTML 279Page - Renesas Technology Corp SH7672 Datasheet HTML 280Page - Renesas Technology Corp SH7672 Datasheet HTML 281Page - Renesas Technology Corp SH7672 Datasheet HTML 282Page - Renesas Technology Corp SH7672 Datasheet HTML 283Page - Renesas Technology Corp SH7672 Datasheet HTML 284Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 1292 page
background image
Section 7
Bus State Controller (BSC)
Rev. 1.00 Nov. 14, 2007 Page 254 of 1262
REJ09B0437-0100
(6)
Single Write
A write access ends in one cycle when data is written in a cache-disabled space and the data bus
width is larger than or equal to access size. As a single write or burst write with burst length 1 is
set in SDRAM, only the required data is output. The write access that ends in one cycle is called
single write. Figure 7.18 shows the single write basic timing.
Tap
Tr
Tc1
Trwl
CKIO
A25 to A0
CSn
RD/
WR
RASL, RASU
DQMxx
D31 to D0
BS
DACKn*2
A12/A11*1
CASL, CASU
Notes: 1. Address pin to be connected to pin A10 of SDRAM.
2. The waveform for DACKn is when active low is specified.
Figure 7.18
Single Write Basic Timing (Auto-Precharge)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com