Electronic Components Datasheet Search
  English  ▼

X  

38K2 Datasheet(PDF) 341 Page - Renesas Technology Corp

Part # 38K2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 341 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 337Page - Renesas Technology Corp 38K2 Datasheet HTML 338Page - Renesas Technology Corp 38K2 Datasheet HTML 339Page - Renesas Technology Corp 38K2 Datasheet HTML 340Page - Renesas Technology Corp 38K2 Datasheet HTML 341Page - Renesas Technology Corp 38K2 Datasheet HTML 342Page - Renesas Technology Corp 38K2 Datasheet HTML 343Page - Renesas Technology Corp 38K2 Datasheet HTML 344Page - Renesas Technology Corp 38K2 Datasheet HTML 345Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 341 / 358 page
background image
3.4 List of registers
Rev.2.00
Oct 15, 2006
page 80 of 99
38K2 Group
REJ09B0338-0200
APPENDIX
Fig. 3.4.100 Structure of Port P5 pull-up control register
b7 b6 b5 b4 b3 b2 b1 b0
R W
0
0
2
0
3
0
40
50
60
7
0
1
0
P50 pul l-up control bit
Port P5 pull-up control register (PULL5)
[Address : 0FF216]
B
Function
At reset
Name
Port P5 pull-up control register
0 : No pull-up
1 : Pull-up
P52 pul l-up control bit
0 : No pull-up
1 : Pull-up
Nothing is arranged for this bit. This is a write disabled bit.
When this bit is read out, the contents are “0”.
Nothing is arranged for these bits. These are write disabled
bits. When these bits are read out, the contents are “0”.
Fig. 3.4.101 Structure of Interrupt edge selection register
b7 b6 b5 b4 b3 b2 b1 b0
RW
0
0
2
0
3
0
4
0
5
0
60
7
0
1
0
0 : Falling edge active
1 : Rising edge active
INT0 interrupt edge
selection bit
Interrupt edge selection register (INTEDGE)
[Address : 0FF316]
B
Function
At reset
Name
Nothing is arranged for these bits. These are write disabled bits.
When these bits are read out, the contents are “0”.
Interrupt edge selection register
0 : Falling edge active
1 : Rising edge active
INT1 interrupt edge
selection bit
Nothing is arranged for this bits. This is a write disabled bit.
When this bit is read out, the contents are “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com