Electronic Components Datasheet Search
  English  ▼

X  

38K2 Datasheet(PDF) 343 Page - Renesas Technology Corp

Part # 38K2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 343 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 339Page - Renesas Technology Corp 38K2 Datasheet HTML 340Page - Renesas Technology Corp 38K2 Datasheet HTML 341Page - Renesas Technology Corp 38K2 Datasheet HTML 342Page - Renesas Technology Corp 38K2 Datasheet HTML 343Page - Renesas Technology Corp 38K2 Datasheet HTML 344Page - Renesas Technology Corp 38K2 Datasheet HTML 345Page - Renesas Technology Corp 38K2 Datasheet HTML 346Page - Renesas Technology Corp 38K2 Datasheet HTML 347Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 343 / 358 page
background image
3.4 List of registers
Rev.2.00
Oct 15, 2006
page 82 of 99
38K2 Group
REJ09B0338-0200
APPENDIX
Fig. 3.4.104 Structure of MISRG
b7 b6 b5 b4 b3 b2 b1 b0
R W
0
0
2
3
4
5
6
7
1
?
B
Name
Functions
At reset
MISRG
(MISRG: address 0FFB16)
MISRG
0 : Automatically set “0116” to Timer 1,
“FF16” to Prescaler 12
1 : Automatically set nothing
Nothing is arranged for these bits. These are write disabled bits.
When these bits are read out, the contents are indefinite.
Oscillation stabilizing time
set after STP instruction
released bit
Fig. 3.4.105 Structure of Flash memory control register
Flash memory control register
b7 b6 b5 b4 b3 b2 b1 b0
Flash memory control register
(FMCR : address 0FFE16)
(Note 1)
b
0
1
2
4
Name
Functions
At reset R W
0
0
0
User area/Boot area
selection bit (Note 4)
CPU rewrite mode
select bit (Note 2)
0 : Busy (being written or
erased)
1 : Ready
5
6
7
0
Undefined
Undefined
Undefined
RY/BY status flag
3
0: User ROM area
1: Boot ROM area
Flash memory reset
bit (Note 3)
0: Normal operation
1: Reset
CPU rewrite mode
entry flag
0: Normal mode
1: CPU rewrite mode
0 : Normal mode (Software
commands invalid)
1 : CPU rewrite mode
(Software commands
acceptable)
1
Nothing is arranged for these bits. If writing,
set “0”. When these bits are read out,
the contents are undefined.
Notes 1: The contents of flash memory control register are “XXX00001” just
after reset release.
2: For this bit to be set to “1”, the user needs to write “0” and then “1”
to it in succession. If it is not this procedure, this bit will not be set to
“1”. Additionally, it is required to ensure that no interrupt will be
generated during that interval.
Use the control program in the area except the built-in flash memory
for write to this bit.
3: This bit is valid when the CPU rewrite mode select bit is “1”.
Set this bit 3 to “0” subsequently after setting bit 3 to “1”.
4: Use the control program in the area except the built-in flash memory
for write to this bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com