Electronic Components Datasheet Search
  English  ▼

X  

38K2 Datasheet(PDF) 344 Page - Renesas Technology Corp

Part # 38K2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 344 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 340Page - Renesas Technology Corp 38K2 Datasheet HTML 341Page - Renesas Technology Corp 38K2 Datasheet HTML 342Page - Renesas Technology Corp 38K2 Datasheet HTML 343Page - Renesas Technology Corp 38K2 Datasheet HTML 344Page - Renesas Technology Corp 38K2 Datasheet HTML 345Page - Renesas Technology Corp 38K2 Datasheet HTML 346Page - Renesas Technology Corp 38K2 Datasheet HTML 347Page - Renesas Technology Corp 38K2 Datasheet HTML 348Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 344 / 358 page
background image
3.5 Package outline
Rev.2.00
Oct 15, 2006
page 83 of 99
38K2 Group
REJ09B0338-0200
APPENDIX
3.5 Package outline
Terminal cross section
b1
bp
2.
1.
DIMENSIONS "
*1" AND "*2"
DO NOT INCLUDE MOLD FLASH.
NOTE)
DIMENSION "
*3" DOES NOT
INCLUDE TRIM OFFSET.
*3
116
17
32
33
48
49
64
F
*1
x
y
Index mark
D
HD
e
bp
ZD
Detail F
L
L1
Previous Code
JEITA Package Code
RENESAS Code
PLQP0064GA-A
64P6U-A
MASS[Typ.]
0.7g
P-LQFP64-14x14-0.80
1.0
0.125
0.35
1.0
1.0
0.20
0.20
0.145
0.09
0.42
0.37
0.32
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
14.1
14.0
13.9
D
14.1
14.0
13.9
E
1.4
A2
16.2
16.0
15.8
16.2
16.0
15.8
1.7
A
0.2
0.1
0
0.7
0.5
0.3
L
x
8°
0°
c
0.8
e
0.10
y
HD
HE
A1
bp
b1
c1
ZD
ZE
L1
PLQP0064GA-A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com