Electronic Components Datasheet Search
  English  ▼

X  

38K2 Datasheet(PDF) 122 Page - Renesas Technology Corp

Part # 38K2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 122 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 118Page - Renesas Technology Corp 38K2 Datasheet HTML 119Page - Renesas Technology Corp 38K2 Datasheet HTML 120Page - Renesas Technology Corp 38K2 Datasheet HTML 121Page - Renesas Technology Corp 38K2 Datasheet HTML 122Page - Renesas Technology Corp 38K2 Datasheet HTML 123Page - Renesas Technology Corp 38K2 Datasheet HTML 124Page - Renesas Technology Corp 38K2 Datasheet HTML 125Page - Renesas Technology Corp 38K2 Datasheet HTML 126Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 358 page
background image
FUNCTIONAL DESCRIPTION
Rev.2.00
Oct 15, 2006
page 103 of 130
38K2 Group
REJ09B0338-0200
HARDWARE
Fig. 148 CPU rewrite mode set/release flowchart
End
Start
Execute read array command or reset flash
memory by setting flash memory reset bit (by
writing “1” and then “0” in succession) (Note 3)
Single-chip mode or Boot mode (Note 1)
Set CPU mode register (Note 2)
Using software command execute erase,
program, or other operation
Jump to control program transferred in memory
other than internal flash memory
(Subsequent operations are executed by control
program in this memory)
Transfer CPU rewrite mode control program to
memory other than internal flash memory
Notes 1: When starting the MCU in the single-chip mode or memory expansion mode, supply
4.5 V to 5.25 V to the CNVss pin until checking the CPU rewrite mode entry flag.
2: Set the system clock division ration selection bits of CPU mode register (bits 6 and
7 at address 003B16).
3: Before exiting the CPU rewrite mode after completing erase or program operation,
always be sure to execute the read array command or reset the flash memory.
Write “0” to CPU rewrite mode select bit
Set CPU rewrite mode select bit to “1” (by
writing “0” and then “1” in succession)
Check CPU rewrite mode entry flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com