Electronic Components Datasheet Search
  English  ▼

X  

38K2 Datasheet(PDF) 125 Page - Renesas Technology Corp

Part # 38K2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 125 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 121Page - Renesas Technology Corp 38K2 Datasheet HTML 122Page - Renesas Technology Corp 38K2 Datasheet HTML 123Page - Renesas Technology Corp 38K2 Datasheet HTML 124Page - Renesas Technology Corp 38K2 Datasheet HTML 125Page - Renesas Technology Corp 38K2 Datasheet HTML 126Page - Renesas Technology Corp 38K2 Datasheet HTML 127Page - Renesas Technology Corp 38K2 Datasheet HTML 128Page - Renesas Technology Corp 38K2 Datasheet HTML 129Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 358 page
background image
FUNCTIONAL DESCRIPTION
Rev.2.00
Oct 15, 2006
page 106 of 130
38K2 Group
REJ09B0338-0200
HARDWARE
qErase All Blocks Command (2016/2016)
By writing the command code “2016” in the first bus cycle and the
confirmation command code “2016” in the second bus cycle that
follows, the operation of erase all blocks (erase and erase verify)
starts.
Whether the erase all blocks command is terminated can be con-
____
firmed by reading the status register or the RY/BY Status Flag of
flash memory control register. When the erase all blocks operation
starts, the read status register mode is entered automatically and
the contents of the status register can be read out at the data bus
(D0 to D7). The status register bit 7 (SR7) is set to “0” at the same
time the erase operation starts and is returned to “1” upon comple-
tion of the erase operation. In this case, the read status register
mode remains active until the read array command (FF16) is writ-
ten.
____
The RY/BY Status Flag is “0” during erase operation and “1” when
the erase operation is completed as is the status register bit 7.
After the erase all blocks end, erase results can be checked by
reading the status register. For details, refer to the section where
the status register is detailed.
qBlock Erase Command (2016/D016)
By writing the command code “2016” in the first bus cycle and the
confirmation command code “D016” and the block address in the
second bus cycle that follows, the block erase (erase and erase
verify) operation starts for the block address of the flash memory
to be specified.
Whether the block erase operation is completed can be confirmed
____
by reading the status register or the RY/BY Status Flag of flash
memory control register. At the same time the block erase opera-
tion starts, the read status register mode is automatically entered,
so that the contents of the status register can be read out. The
status register bit 7 (SR7) is set to “0” at the same time the block
erase operation starts and is returned to “1” upon completion of
the block erase operation. In this case, the read status register
mode remains active until the read array command (FF16) is writ-
ten.
____
The RY/BY Status Flag is “0” during block erase operation and “1”
when the block erase operation is completed as is the status reg-
ister bit 7.
After the block erase ends, erase results can be checked by read-
ing the status register. For details, refer to the section where the
status register is detailed.
Write 2016
2016/D016
Block address
Erase completed
NO
YES
Start
Write
SR5 = 0 ?
Erase error
YES
NO
2016:Erase all blocks
D016:Block erase
SR7 = 1 ?
or
RY/BY = 1 ?
Status register
read
Fig. 150 Erase flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com