Electronic Components Datasheet Search
  English  ▼

X  

38K2 Datasheet(PDF) 260 Page - Renesas Technology Corp

Part # 38K2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 260 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 256Page - Renesas Technology Corp 38K2 Datasheet HTML 257Page - Renesas Technology Corp 38K2 Datasheet HTML 258Page - Renesas Technology Corp 38K2 Datasheet HTML 259Page - Renesas Technology Corp 38K2 Datasheet HTML 260Page - Renesas Technology Corp 38K2 Datasheet HTML 261Page - Renesas Technology Corp 38K2 Datasheet HTML 262Page - Renesas Technology Corp 38K2 Datasheet HTML 263Page - Renesas Technology Corp 38K2 Datasheet HTML 264Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 358 page
background image
2.14 Flash memory
Rev.2.00
Oct 15, 2006
page 111 of 112
38K2 Group
REJ09B0338-0200
APPLICATION
Fig. 2.14.9 CPU rewrite mode beginning/release flowchart
START
Single-chip mode or boot mode (Note 1)
Set CPU mode register (Note 2)
Transfer CPU rewrite mode control
program to built-in RAM
END
Jump to transferred control program on RAM
(The following operations are controlled by
the control program on this RAM)
Set “1” to CPU rewrite mode select bit
(by writing “0” and then “1” in succession)
Check CPU rewrite mode entry flag
Using software command execute erase,
program, or other operation
Execute read command or set flash
memory reset bit (by writing “0” and then “
1” in succession) (Note 3)
Set “0” to CPU rewrite mode select bit
Notes 1: When MCU starts in the single-chip mode, it is necessary to apply
4.50 to 5.25 V to dhe CNVss pin until confirming of the CPU
rewrite mode entry flag.
2: Set bits 6 and 7 (system clock division ratio selection bits) of the
CPU mode register (address 003B16).
3: Before releasing the CPU rewrite mode after completing erase or
program operation, always be sure to execute the read array
command or reset the flash memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com