Electronic Components Datasheet Search
  English  ▼

X  

38K2 Datasheet(PDF) 256 Page - Renesas Technology Corp

Part # 38K2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 256 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 252Page - Renesas Technology Corp 38K2 Datasheet HTML 253Page - Renesas Technology Corp 38K2 Datasheet HTML 254Page - Renesas Technology Corp 38K2 Datasheet HTML 255Page - Renesas Technology Corp 38K2 Datasheet HTML 256Page - Renesas Technology Corp 38K2 Datasheet HTML 257Page - Renesas Technology Corp 38K2 Datasheet HTML 258Page - Renesas Technology Corp 38K2 Datasheet HTML 259Page - Renesas Technology Corp 38K2 Datasheet HTML 260Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 358 page
background image
2.14 Flash memory
Rev.2.00
Oct 15, 2006
page 107 of 112
38K2 Group
REJ09B0338-0200
APPLICATION
2.14.7 Flash memory mode application examples
The control pin processing example on the system board in the standard serial I/O mode and the control
example in the CPU rewrite mode are described below.
(1)
Control pin connection example on the system board in standard serial I/O mode
As shown in Figure 2.14.4, in the standard serial I/O mode, the built-in flash memory can be rewritten
with the microcomputer mounted on board. Connection examples of control pins (P40/EXDREQ/RXD,
______
____________
P41/EXDACK/TXD, P42/EXTC/SCLK, P43/EXA1/SRDY, P16, CNVSS, and RESET pin) in the standard serial
I/O mode are described below.
Fig. 2.14.4 Rewrite example of built-in flash memory in standard serial I/O mode
RS-232C
M38K29F8FP/HP
M38K29F8LFP/LHP
Serial programmer
Table 2.14.3 shows the setting condition in the standard serial I/O mode.
Table 2.14.3 Setting condition in serial I/O mode
Pin name
CNVSS/VPP (Note)
P16
P42/EXTC/SCLK
____________
RESET
Pin number
7
5
53
8
38K2 Group flash memory version
Note: CNVSS/VPP is not VCC but a voltage when programming.
4.50 to 5.25 V
VCC
VCC
Edge from VSS to VCC
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com