| Electronic Components Datasheet Search |
|
38K2 Datasheet(PDF) 254 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
38K2 Datasheet(HTML) 254 Page - Renesas Technology Corp |
|
254 / 358 page ![]() 2.14 Flash memory Rev.2.00 Oct 15, 2006 page 105 of 112 38K2 Group REJ09B0338-0200 APPLICATION 2.14.4 Parallel I/O mode In the parallel I/O mode, program/erase to the built-in flash memory can be performed by a flash programmer (MFW-1). The memory area of program/erase is from 0F00016 to 0FFFF16 (boot ROM area) or from 0800016 to 0FFFF16 (user ROM area). Be especially careful when erasing; if the memory area is not set correctly, the products will be damaged eternally. Table 2.14.1 shows the setting of programmers when programming in the parallel I/O mode. •MFW-1 provided by Sunny Giken Inc. (http://www.sunnygiken.co.jp/english/index.html) Table 2.14.1 Setting of programmers when parallel programming Products M38K29F8HP/LHP M38K29F8FP/LFP Parallel adapter MFW-S18 MFW-S19 Boot ROM area 0F00016 to 0FFFF16 User ROM area 0800016 to 0FFFF16 2.14.5 Standard serial I/O mode Table 2.14.2 shows a pin connection example (4 wires) between the programmer (MFW-1) and the microcomputer when programming in the standard serial I/O mode. •MFW-1 provided by Sunny Giken Inc. (http://www.sunnygiken.co.jp/english/index.html) Table 2.14.2 Connection example to flash programmer when serial programming (4 wires) Pin name P42/EXTC/SCLK P40/EXDREQ/RXD P41/EXDACK/TxD ______ P43/EXA1/SRDY CNVSS ____________ RESET VCC, PVCC, DVCC (Note 2) VSS, PVSS (Note 1) Pin number 53 51 52 54 7 8 14, 21, 22 11, 20 38K2 Group flash memory version Notes 1: When connecting a serial programmer, first connect both GNDs to the same GND level. 2: VCC power of MFW-1 is supplied from a target board. Power consumption of MFW-1 is Max. 200 mA when serial programming. Therefore, when the current capacity of target borad is short, connect AC adapter and supply power source to MFW-1. Function Transfer clock input Serial data input Serial data output Transmit/Receive enable output VPP input Reset input Target board power source monitor input GND MFW-1 Signal name CLK RXD TXD BUSY CNVSS RESET VCC (Note 2) GND (Note 1) MFW-1 side connector Line number 3 10 4 2 1 8 1 7 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |