| Electronic Components Datasheet Search |
|
38K2 Datasheet(PDF) 257 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
38K2 Datasheet(HTML) 257 Page - Renesas Technology Corp |
|
257 / 358 page ![]() 2.14 Flash memory Rev.2.00 Oct 15, 2006 page 108 of 112 38K2 Group REJ09B0338-0200 APPLICATION ➀ When control signals are not affected to user system circuit When the control signals in the standard serial I/O mode are not used or not affected to the user system circuit, they can be connected as shown in Figure 2.14.5. Fig. 2.14.5 Connection example in standard serial I/O mode (1) ➁ When control signals are affected to user system circuit-1 Figure 2.14.6 shows an example that the jumper switch cut-off the control signals not to supply to the user system circuit in the standard serial I/O mode. Fig. 2.14.6 Connection example in standard serial I/O mode (2) M38K29F8FP/HP M38K29F8LFP/LHP RESET VPP(CNVSS) TXD(P41/ExDACK) SCLK(P42/ExTC) RXD(P40/ExDREQ) XIN XOUT BUSY(P43/ExA1) VSS DVCC PVCC VCC PVSS (P16) Target board Not used or to user system circuit ✽1 User reset signal (Low active) ✽1: When not used, set to input mode and pull up or pull down, or set to output mode and open. ✽2: It is necessary to apply Vcc to SCLK (P42/ExTC) pin only when reset is released in the standard serial I/O mode. ✽2 RESET VPP(CNVSS) XIN XOUT VSS Target board To user system circuit User reset signal (Low active) ✽: It is necessary to apply Vcc to SCLK (P42/ExTC) pin only when reset is released in the standard serial I/O mode. ✽ M38K29F8FP/HP M38K29F8LFP/LHP TXD(P41/ExDACK) SCLK(P42/ExTC) RXD(P40/ExDREQ) BUSY(P43/ExA1) DVCC PVCC VCC PVSS (P16) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |