Electronic Components Datasheet Search
  English  ▼

X  

38K2 Datasheet(PDF) 263 Page - Renesas Technology Corp

Part # 38K2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 263 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 259Page - Renesas Technology Corp 38K2 Datasheet HTML 260Page - Renesas Technology Corp 38K2 Datasheet HTML 261Page - Renesas Technology Corp 38K2 Datasheet HTML 262Page - Renesas Technology Corp 38K2 Datasheet HTML 263Page - Renesas Technology Corp 38K2 Datasheet HTML 264Page - Renesas Technology Corp 38K2 Datasheet HTML 265Page - Renesas Technology Corp 38K2 Datasheet HTML 266Page - Renesas Technology Corp 38K2 Datasheet HTML 267Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 358 page
background image
3.1 Electrical characteristics (L.Ver)
Rev.2.00
Oct 15, 2006
page 2 of 99
38K2 Group
REJ09B0338-0200
APPENDIX
3.1 Electrical characteristics
3.1.1 Absolute maximum ratings
Table 3.1.1 Absolute maximum ratings
–0.3 to 6.5
–0.3 to VCC + 0.3
–0.3 to VCC + 0.3
–0.3 to VCC + 0.3
–0.3 to VCC + 0.3
–0.3 to 6.5
–0.5 to 3.8
–0.3 to VCC + 0.3
–0.5 to 3.8
500
–20 to 85
25±5
–40 to 125
Power source voltage
Analog power source voltage VCCE, VREF, PVCC, DVCC,
USBVREF
Input voltage
P00–P07, P10–P17, P24–P27, P30–
P37, P40–P43, P50–P57, P60–P63
Input voltage
RESET, XIN, CNVSS2
Input voltage
CNVSS
Mask ROM version
Flash memory version
Input voltage
D0+, D0-, D1+, D1-, D2+, D2-
Output voltage
P00–P07, P10–P17, P24–P27, P30–
P37, P40–P43, P50–P57, P60–P63,
XOUT
Output voltage
D0+, D0-, D1+, D1-, D2+, D2-, TrON
Power dissipation
(Note)
Operating temperature
Storage temperature
V
V
V
V
V
V
V
V
V
mW
°C
°C
°C
VCC
AVCC
VI
VI
VI
VI
VO
VO
Pd
Topr
Tstg
Conditions
Symbol
Ratings
Unit
Parameter
All voltages are
based on VSS.
Output transistors
are cut off.
Ta = 25°C
Note: The maximum rating value depends on not only the MCU’s power dissipation but the heat consumption characteristics of the package.
MCU operating
In flash memory mode
(For flash memory ver-
sion)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com