Electronic Components Datasheet Search
  English  ▼

X  

38K2 Datasheet(PDF) 265 Page - Renesas Technology Corp

Part # 38K2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 265 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 261Page - Renesas Technology Corp 38K2 Datasheet HTML 262Page - Renesas Technology Corp 38K2 Datasheet HTML 263Page - Renesas Technology Corp 38K2 Datasheet HTML 264Page - Renesas Technology Corp 38K2 Datasheet HTML 265Page - Renesas Technology Corp 38K2 Datasheet HTML 266Page - Renesas Technology Corp 38K2 Datasheet HTML 267Page - Renesas Technology Corp 38K2 Datasheet HTML 268Page - Renesas Technology Corp 38K2 Datasheet HTML 269Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 358 page
background image
3.1 Electrical characteristics (L.Ver)
Rev.2.00
Oct 15, 2006
page 4 of 99
38K2 Group
REJ09B0338-0200
APPENDIX
Table 3.1.3 Recommended operating conditions (Vcc = 3.00 to 5.25 V, Vss = 0 V, Ta = –20 to 85°C, unless otherwise noted)
Symbol
Parameter
Unit
Limits
∑IOH(peak)
∑IOH(peak)
∑IOL(peak)
∑IOL(peak)
∑IOL(peak)
∑IOH(avg)
∑IOH(avg)
∑IOL(avg)
∑IOL(avg)
∑IOL(avg)
IOH(peak)
IOH(peak)
IOL(peak)
IOL(peak)
IOL(peak)
IOH(avg)
IOH(avg)
IOL(avg)
IOL(avg)
IOL(avg)
f(XIN)
f(XIN) or
f(SYN)
f(
φ)
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
MHz
MHz
MHz
MHz
MHz
MHz
–80
–80
80
80
80
–40
–40
40
40
40
–10
–10
10
20
10
–5
–5
5
10
5
12
6
12
6
8
6
Max.
“H” total peak output current (Note 1)P00–P07, P24–P27, P50–P57,
P60–P63
“H” total peak output current (Note 1)P10–P17, P30–P37, P40–P43
“L” total peak output current (Note 1)P00–P07, P24–P27, P50–P57
“L” total peak output current (Note 1)P60–P63
“L” total peak output current (Note 1)P10–P17, P30–P37, P40–P43
“H” total average output current (Note 1)P00–P07, P24–P27, P50–P57,
P60–P63
“H” total average output current (Note 1)P10–P17, P30–P37, P40–P43
“L” total average output current (Note 1)P00–P07, P24–P27, P50–P57
“L” total average output current (Note 1)P60–P63
“L” total average output current (Note 1)P10–P17, P30–P37, P40–P43
“H” peak output current (Note 2)P00–P07, P24–P27, P50–P57,
P60–P63
“H” peak output current (Note 2)P10–P17, P30–P37, P40–P43
“L” peak output current (Note 2)P00–P07, P24–P27, P50–P57
“L” peak output current (Note 2)P60–P63
“L” peak output current (Note 2)P10–P17, P30–P37, P40–P43
“H” average output current (Note 3)P00–P07, P24–P27, P50–P57,
P60–P63
“H” average output current (Note 3)P10–P17, P30–P37, P40–P43
“L” average output current (Note 3)P00–P07, P24–P27, P50–P57
“L” average output current (Note 3)P60–P63
“L” average output current (Note 3)P10–P17, P30–P37, P40–P43
Main clock input oscillation frequency
Vcc = 4.00 to 5.25 V
(Note 4)
Vcc = 3.00 to 4.00 V
System clock frequency
Vcc = 4.00 to 5.25 V
Vcc = 3.00 to 4.00 V
φ frequency
Vcc = 4.00 to 5.25 V
Vcc = 3.00 to 4.00 V
Typ.
Min.
6
6
6
6
Notes 1: The total peak output current is the absolute value of the peak currents flowing through all the applicable ports. The total average output current is
the average value of the absolute value of the currents measured over 100 ms flowing through all the applicable ports.
2: The peak output current is the absolute value of the peak current flowing in each port.
3: The average output current is the average value of the absolute value of the currents measured over 100 ms.
4: The duty of oscillation frequency is 50
%. 6 MHz or 12 MHz is usable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com