Electronic Components Datasheet Search
  English  ▼

X  

38K2 Datasheet(PDF) 268 Page - Renesas Technology Corp

Part # 38K2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 268 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 264Page - Renesas Technology Corp 38K2 Datasheet HTML 265Page - Renesas Technology Corp 38K2 Datasheet HTML 266Page - Renesas Technology Corp 38K2 Datasheet HTML 267Page - Renesas Technology Corp 38K2 Datasheet HTML 268Page - Renesas Technology Corp 38K2 Datasheet HTML 269Page - Renesas Technology Corp 38K2 Datasheet HTML 270Page - Renesas Technology Corp 38K2 Datasheet HTML 271Page - Renesas Technology Corp 38K2 Datasheet HTML 272Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 358 page
background image
3.1 Electrical characteristics (L.Ver)
Rev.2.00
Oct 15, 2006
page 7 of 99
38K2 Group
REJ09B0338-0200
APPENDIX
3.1.4 A/D converter characteristics (L.Ver)
Resolution
Linearity error
Differential nonlinear error
Zero transition voltage
Full scale transition voltage
Conversion time
Ladder resistor
Reference power source input current
A/D port input current
Min.
Typ.
Max.
Symbol
Parameter
Limits
Unit
Test conditions
Ta = 25 °C
Ta = 25 °C
015
35
LSB
LSB
Bits
±1.5
±3
10
mV
5105
50
5125
5150
mV
—
—
—
VOT
VFST
tCONV
RLADDER
IVREF
II(AD)
A/D converter operating; VREF = 5.0 V
122
200
5
35
150
tc(XIN)
or
tc(fSYN)
k
Ω
5.0
µA
µA
VCC = VREF = 5.12 V
VCC = VREF = 5.12 V
Table 3.1.6 A/D Converter characteristics (VCC = 3.00 to 5.25 V, VSS = 0 V, Ta = –20 to 85°C, unless otherwise noted)
A/D converter not operating; VREF = 5.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com