Electronic Components Datasheet Search
  English  ▼

X  

38K2 Datasheet(PDF) 266 Page - Renesas Technology Corp

Part # 38K2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 266 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 262Page - Renesas Technology Corp 38K2 Datasheet HTML 263Page - Renesas Technology Corp 38K2 Datasheet HTML 264Page - Renesas Technology Corp 38K2 Datasheet HTML 265Page - Renesas Technology Corp 38K2 Datasheet HTML 266Page - Renesas Technology Corp 38K2 Datasheet HTML 267Page - Renesas Technology Corp 38K2 Datasheet HTML 268Page - Renesas Technology Corp 38K2 Datasheet HTML 269Page - Renesas Technology Corp 38K2 Datasheet HTML 270Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 358 page
background image
3.1 Electrical characteristics (L.Ver)
Rev.2.00
Oct 15, 2006
page 5 of 99
38K2 Group
REJ09B0338-0200
APPENDIX
3.1.3 Electrical characteristics (L.Ver)
“H” output voltage
P00–P07, P24–P27, P50–P57, P60–P63
“H” output voltage
P10–P17, P30–P37, P40–P43
Limits
V
V
V
V
Parameter
Typ.
Max.
Symbol
Unit
Test conditions
Table 3.1.4 Electrical characteristics (1) (Vcc = 3.00 to 5.25 V, Vss = 0 V, Ta = –20 to 85°C, unless otherwise noted)
IOH = –10 mA
(Vcc = 4.00 to 5.25 V)
IOH = –1 mA
IOH = –10 mA (VCCE =
4.00 to 5.25 V)
IOH = –1 mA
D+ and D- pins pull-
down with 0 V via a
resistor of 15 k
Ω ± 5 %
IOL = 10 mA
(Vcc = 4.00 to 5.25 V)
IOL = 1 mA
IOL = 20 mA
(Vcc = 4.00 to 5.25 V)
IOL = 1 mA
IOL = 10 mA (VCCE =
4.00 to 5.25 V)
IOL = 1 mA (VCCE =
3.00 to 5.25 V)
D+ and D- pins pull-up
with 3.6 V via a resistor
of 1.5 k
Ω ± 5 %
VI = VCC (Pull-ups “off”)
VI = VCCE
VI = VCC
VI = VCC
VI = VSS (Pull-ups “off”)
VI = VSS
VI = VSS
VI = VSS
VI = VSS
(Vcc = 4.00 to 5.25 V)
VI = VSS
When clock is stopped
2.8
0.6
0.6
0.5
3.6
2.0
1.0
2.0
1.0
2.0
1.0
0.3
5.0
5.0
5.0
–5.0
–5.0
–5.0
–120.0
5.25
V
V
V
V
V
V
V
V
V
V
VOL
“H” output voltage
D0+, D0-, D1+, D1-, D2+, D2-
“L” output voltage
P00–P07, P24–P27, P50–P57
“L” output voltage
P60–P63
“L” output voltage
P10–P17, P30–P37, P40–P43
“L” output voltage
D0+, D0-, D1+, D1-, D2+, D2-
Hysteresis
CNTR0, INT0, INT1
Hysteresis
P10/DQ0–P17/DQ7, P30–P32, P33/ExINT,
P34/ExCS, P35/ExWR, P36/ExRD, P37/
ExA0, P40/ExDREQ/RxD, P41/ExDACK/
TxD, P42/ExTC/SCLK, P43/ExA1/SRDY
Hysteresis
D0+, D0-, D1+, D1-, D2+, D2-
Hysteresis
RESET
“H” input current
P00–P07, P24–P27, P50–P57, P60–P63
“H” input current
P10–P17, P30–P37, P40–P43
“H” input current
RESET, CNVSS
“H” input current
XIN
“L” input current
P00–P07, P24–P27, P50–P57, P60–P63
“L” input current
P10–P17, P30–P37, P40–P43
“L” input current
RESET, CNVSS, CNVSS2
“L” input current
XIN
“L” input current
P00–P07, P50, P52
(Pull-ups “on”)
RAM hold voltage
VT+–VT-
VT+–VT-
VOL
VOL
VOL
0
VT+–VT
VT+–VT-
IIH
IIH
IIH
IIH
IIL
IIL
IIL
IIL
IIL
VRAM
V
V
µA
µA
µA
µA
µA
µA
µA
µA
µA
µA
V
4.0
–4.0
–60.0
–20.0
–10.0
2.00
VOH
VOH
VOH
Min.
VCC–2.0
VCC–1.0
VCCE–2.0
VCCE–1.0
0.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com