Electronic Components Datasheet Search
  English  ▼

X  

38K2 Datasheet(PDF) 267 Page - Renesas Technology Corp

Part # 38K2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 267 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 263Page - Renesas Technology Corp 38K2 Datasheet HTML 264Page - Renesas Technology Corp 38K2 Datasheet HTML 265Page - Renesas Technology Corp 38K2 Datasheet HTML 266Page - Renesas Technology Corp 38K2 Datasheet HTML 267Page - Renesas Technology Corp 38K2 Datasheet HTML 268Page - Renesas Technology Corp 38K2 Datasheet HTML 269Page - Renesas Technology Corp 38K2 Datasheet HTML 270Page - Renesas Technology Corp 38K2 Datasheet HTML 271Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 358 page
background image
3.1 Electrical characteristics (L.Ver)
Rev.2.00
Oct 15, 2006
page 6 of 99
38K2 Group
REJ09B0338-0200
APPENDIX
Power source current
(Output transistor is
isolated.)
Limits
Parameter
Min.
Typ.
21.0
22.5
22.0
21.0
9.0
6.0
2.0
125.0
0.1
Max.
60
60
60
60
35
30
250
10
Symbol
Unit
Test conditions
ICC
mA
mA
mA
mA
mA
mA
mA
mA
µA
µA
µA
Table 3.1.5 Electrical characteristics (2) (Vcc = 3.00 to 5.25 V, Vss = 0 V, Ta = –20 to 85°C, unless otherwise noted)
f(XIN) = system clock = 12 MHz,
φ = 6 MHz,
USB reference voltage circuit enabled
f(XIN) = 12 MHz,
System clock =
φ = 8 MHz,
USB reference voltage circuit enabled
f(XIN) = 6 MHz,
System clock =
φ = 8 MHz,
USB reference voltage circuit enabled
f(XIN) = system clock =
φ = 6 MHz,
USB reference voltage circuit enabled
f(XIN) = system clock =
φ = 6 MHz,
USB reference voltage circuit disabled
f(XIN) = system clock =
φ = 6 MHz,
USB reference voltage circuit disabled
f(XIN) = 12 MHz,
System clock =
φ = 8 MHz,
USB reference voltage circuit enabled
f(XIN) = system clock =
φ = 6 MHz,
USB reference voltage circuit disabled
USB reference voltage circuit enabled
Low current mode
USB reference voltage circuit disabled
Ta = 25 °C
USB reference voltage circuit disabled
Ta = 85 °C
<Test conditions>
Notes 1: Operating in single-chip mode
Clock input from XIN pin (XOUT oscillator stopped)
fUSB = 48 MHz
All USB difference-input circuits enabled
Leaving I/O pins open
Operating functions: PLL circuit, CPU, Timers
2: Operating in single-chip mode with Wait mode
Clock input from XIN pin (XOUT oscillator stopped)
fUSB = 48 MHz
All USB difference-input circuits enabled
Leaving I/O pins open
Operating functions: PLL circuit, Timers, USB receiving
Disabled functions: CPU
3: Operating in single-chip mode with Stop mode
Oscillation stopped
All USB difference-input circuits disabled
Leaving I/O pins open
Normal
mode
(Note 1)
Wait
mode
(Note 2)
Stop
mode
(Note 3)
Vcc = 3.00
to 4.00 V
Vcc = 4.00
to 5.25 V
Vcc = 3.00
to 3.60 V
Vcc = 4.00
to 5.25 V
Vcc = 3.00
to 4.00 V
Vcc = 4.00
to 5.25 V
Vcc = 3.00
to 5.25 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com