Electronic Components Datasheet Search
  English  ▼

X  

38K2 Datasheet(PDF) 271 Page - Renesas Technology Corp

Part # 38K2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 271 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 267Page - Renesas Technology Corp 38K2 Datasheet HTML 268Page - Renesas Technology Corp 38K2 Datasheet HTML 269Page - Renesas Technology Corp 38K2 Datasheet HTML 270Page - Renesas Technology Corp 38K2 Datasheet HTML 271Page - Renesas Technology Corp 38K2 Datasheet HTML 272Page - Renesas Technology Corp 38K2 Datasheet HTML 273Page - Renesas Technology Corp 38K2 Datasheet HTML 274Page - Renesas Technology Corp 38K2 Datasheet HTML 275Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 358 page
background image
3.1 Electrical characteristics (L.Ver)
Rev.2.00
Oct 15, 2006
page 10 of 99
38K2 Group
REJ09B0338-0200
APPENDIX
Min.
Typ.
Max.
Symbol
Parameter
Limits
Unit
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
tsu(S-R)
tsu(S-W)
th(R-S)
th(W-S)
tsu(A-R)
tsu(A-W)
th(R-A)
th(W-A)
tsu(ACK-R)
tsu(ACK-W)
th(R-ACK)
th(W-ACK)
tWH(R)
tWL(R)
tWH(W)
tWL(W)
tWH(ACK)
tWL(ACK)
tsu(D-W)
th(W-D)
tsu(D-ACK)
th(ACK-W)
tC(
φ)
tW(cycle)
ExCS setup time for read
ExCS setup time for write
ExCS hold time for read
ExCS hold time for write
ExA0, ExA1 setup time for read
ExA0, ExA1 setup time for write
ExA0, ExA1 hold time for read
ExA0, ExA1 hold time for write
ExDACK setup time for read
ExDACK setup time for write
ExDACK hold time for read
ExDACK hold time for write
Read “H” pulse width
Read “L” pulse width
Write “H” pulse width
Write “L” pulse width
ExDACK “H” pulse width
ExDACK “L” pulse width
Data input setup time before write
Data input hold time after write
Data input setup time before ExDACK
Data input hold time after ExDACK
CPU clock cycle time
Burst mode access cycle time
0
0
0
0
30
30
0
0
30
30
0
0
120
120
120
120
160
160
60
0
80
10
166
tC(
φ)•3+30
tC(
φ)•5+30
Table 3.1.10 Timing requirements of external bus interface (EXB) (2)
(VCC = 3.00 to 4.00 V, VSS = 0 V, Ta = –20 to 85 °C, unless otherwise noted)
USB function not operating
USB function operating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com