Electronic Components Datasheet Search
  English  ▼

X  

38K2 Datasheet(PDF) 269 Page - Renesas Technology Corp

Part # 38K2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 269 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 265Page - Renesas Technology Corp 38K2 Datasheet HTML 266Page - Renesas Technology Corp 38K2 Datasheet HTML 267Page - Renesas Technology Corp 38K2 Datasheet HTML 268Page - Renesas Technology Corp 38K2 Datasheet HTML 269Page - Renesas Technology Corp 38K2 Datasheet HTML 270Page - Renesas Technology Corp 38K2 Datasheet HTML 271Page - Renesas Technology Corp 38K2 Datasheet HTML 272Page - Renesas Technology Corp 38K2 Datasheet HTML 273Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 358 page
background image
3.1 Electrical characteristics (L.Ver)
Rev.2.00
Oct 15, 2006
page 8 of 99
38K2 Group
REJ09B0338-0200
APPENDIX
3.1.5 Timing Requirements (L.Ver)
Table 3.1.7 Timing requirements (1) (VCC = 4.00 to 5.25 V, VSS = 0 V, Ta = –20 to 85 °C, unless otherwise noted)
Min.
Typ.
Max.
Symbol
Parameter
Limits
Unit
µs
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
tW(RESET)
tC(XIN)
tWH(XIN)
tWL(XIN)
tC(CNTR)
tWH(CNTR)
tWL(CNTR)
tWH(INT)
tWL(INT)
tC(SCLK)
tWH(SCLK)
tWL(SCLK)
tsu(RxD–SCLK)
th(SCLK–RxD)
Reset input “L” pulse width
Main clock input cycle time
Main clock input “H” pulse width
Main clock input “L” pulse width
CNTR0 input cycle time
CNTR0 input “H” pulse width
CNTR0 input “L” pulse width
INT0, INT1 input “H” pulse width
INT0, INT1 input “L” pulse width
Serial I/O clock input cycle time (Note)
Serial I/O clock input “H” pulse width (Note)
Serial I/O clock input “L” pulse width (Note)
Serial I/O input set up time
Serial I/O input hold time
2
83
35
35
200
80
80
80
80
800
370
370
220
100
Note: These limits are the rating values in the clock synchronous mode, bit 6 of address 0FE016 = “1”. In the UART mode, bit 6 of address 0FE016 = “0”; the
rating values are set to one fourth.
Min.
Typ.
Max.
Symbol
Parameter
Limits
Unit
µs
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
tW(RESET)
tC(XIN)
tWH(XIN)
tWL(XIN)
tC(CNTR)
tWH(CNTR)
tWL(CNTR)
tWH(INT)
tWL(INT)
tC(SCLK)
tWH(SCLK)
tWL(SCLK)
tsu(RxD–SCLK)
th(SCLK–RxD)
Reset input “L” pulse width
Main clock input cycle time
Main clock input “H” pulse width
Main clock input “L” pulse width
CNTR0 input cycle time
CNTR0 input “H” pulse width
CNTR0 input “L” pulse width
INT0, INT1 input “H” pulse width
INT0, INT1 input “L” pulse width
Serial I/O clock input cycle time (Note)
Serial I/O clock input “H” pulse width (Note)
Serial I/O clock input “L” pulse width (Note)
Serial I/O input set up time
Serial I/O input hold time
2
166
70
70
500
230
230
230
230
2000
950
950
400
200
Note: These limits are the rating values in the clock synchronous mode, bit 6 of address 0FE016 = “1”. In the UART mode, bit 6 of address 0FE016 = “0”; the
rating values are set to one fourth.
Table 3.1.8 Timing requirements (2) (VCC = 3.00 to 4.00 V, VSS = 0 V, Ta = –20 to 85 °C, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com